Electronic Components Datasheet Search
  English  ▼

X  

URM15T Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # URM15T
Description  Multimedia Remote for PCs and Laptops
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

URM15T Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  URM15T Datasheet HTML 1Page - Tripp Lite. All Rights Reserved URM15T Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Multimedia Remote for PCs & Laptops
MODEL NUMBER: URM-15T
Description
The Multimedia Remote for PCs & Laptops is a RF (radio frequency) remote that allows you to control
multimedia applications on your Mac or PC through walls and furniture. The remote controls your multimedia
applications by sending them the same keystrokes that you do when you control the application from a keyboard.
Features
Sleek 17 button radio frequency remote transmits signals up to 40 feet
Includes Windows Media Player, WinAMP, QuickTime, PowerPoint and other popular multi-media
applications. Simple control panel allows you to program the remote for use with additional applications
Perfect for earlier generations Windows OS, Vista, XP, Win7 (32 bit only)
To locate a Win7 32 bit driver: insert receiver into USB port on your computer and a dialog box will appear
asking if you want an updated Win7 32 bit driver
Click 'yes' and follow the steps to link to the driver
Execute the driver and reboot your computer
Specifications
PRODUCT OVERVIEW
Product Overview
Keyspan-by-Tripp Lite Remote for PCs & Laptops
PHYSICAL
Color
Gray; White
WARRANTY
Highlights
Make multimedia software easier
to control with a remote
Ideal for presentations
Sleek 17-key design
40 ft. range
Compatible with 32-bit systems
only
System Requirements
Mac:
An available USB port, Mac OS
8.6-9.2.2, Mac OS X 10.2.8, Mac
OS X 10.3.9 & Mac OS X 10.4.x,
10.5x & 10.6x (32 bit only)
Windows:
An available USB port, Windows
98 / 98 SE / Me / 2000 / XP / Vista
Battery:
Remote Control uses a CR2032
(Lythium 3V) battery (included)
Note: This remote is not
compatible with AirPort Express.
Package Includes
USB RF Receiver
17 button RF remote
remote's battery (one CR2032
[Lithium 3V])
CD with driver software and user
guide
Printed Quick Start Guide
Carrying pouch
1 / 2


Similar Part No. - URM15T

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
URM-15T TRIPPLITE-URM-15T Datasheet
494Kb / 2P
Multimedia Remote for PCs and Laptops
logo
List of Unclassifed Man...
URM202 ETC2-URM202 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
logo
Belden Inc.
URM202 BELDEN-URM202 Datasheet
153Kb / 2P
URM202 - Uni-Radio Coax, 75 Ohm, M202 Type, 23 AWG Stranded BC, 57% BC Braid, PVC Jkt
12-16-2022
URM202.10200 BELDEN-URM202.10200 Datasheet
153Kb / 2P
URM202 - Uni-Radio Coax, 75 Ohm, M202 Type, 23 AWG Stranded BC, 57% BC Braid, PVC Jkt
12-16-2022
URM202.11200 BELDEN-URM202.11200 Datasheet
153Kb / 2P
URM202 - Uni-Radio Coax, 75 Ohm, M202 Type, 23 AWG Stranded BC, 57% BC Braid, PVC Jkt
12-16-2022
More results

Similar Description - URM15T

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2893B TEMIC-U2893B Datasheet
294Kb / 14P
Modulation PLL for GSM, DCS and PCS Systems
logo
List of Unclassifed Man...
U2895B ETC-U2895B Datasheet
803Kb / 16P
Modulation PLL for GSM, DCS and PCS Systems
logo
Freescale Semiconductor...
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_10 Datasheet
2Mb / 108P
Multimedia Applications Processors for Industrial and Automotive Products
logo
Texas Instruments
TPS65642 TI-TPS65642 Datasheet
3Mb / 70P
LCD Bias with Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
logo
Tripp Lite. All Rights ...
URM-15T TRIPPLITE-URM-15T Datasheet
494Kb / 2P
Multimedia Remote for PCs and Laptops
logo
NEC
SP350 NEC-SP350 Datasheet
1Mb / 2P
Soft client for Laptops & PCs
logo
Tripp Lite. All Rights ...
AWC-002 TRIPPLITE-AWC-002 Datasheet
175Kb / 3P
USB Webcam with Microphone for Laptops and Desktop PCs, HD 1080p, Lens Privacy Cover
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com