Electronic Components Datasheet Search
  English  ▼

X  

LT3479 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3479
Description  3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3479 Datasheet(HTML) 1 Page - Linear Technology

  LT3479 Datasheet HTML 1Page - Linear Technology LT3479 Datasheet HTML 2Page - Linear Technology LT3479 Datasheet HTML 3Page - Linear Technology LT3479 Datasheet HTML 4Page - Linear Technology LT3479 Datasheet HTML 5Page - Linear Technology LT3479 Datasheet HTML 6Page - Linear Technology LT3479 Datasheet HTML 7Page - Linear Technology LT3479 Datasheet HTML 8Page - Linear Technology LT3479 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3479
1
3479fc
TYPICAL APPLICATION
DESCRIPTION
3A, Full Featured DC/DC
Converter with Soft-Start
and Inrush Current Protection
The LT
®3479 is a current mode, fixed frequency step-up
DC/DC converter with an internal 3A, 42V switch. Efficien-
cies of up to 89% can be achieved in typical applications. It
features a programmable soft-start function to limit induc-
tor current during start-up and inrush current protection
to protect the LT3479 during shorts and line transients.
Both inputs of the error amplifier are available to the user
allowing positive and negative output voltages. Through
an external resistor, the user can program the switch-
ing frequency from 200kHz to 3.5MHz. The low profile
(0.75mm) 14-pin, 4mm × 3mm DFN package provides
excellent thermal performance in a small footprint. The
LT3479 is also available in a thermally enhanced 16-pin
TSSOP package.
5V to 12V Boost Converter
FEATURES
APPLICATIONS
n High Power LED Driver
n DSL Modems
n Distributed Power
n Wide Input Voltage Range: 2.5V to 24V
n 3A, 42V Internal Switch
n High Efficiency Power Conversion: Up to 89%
n Soft-Start
n Frequency Set by External Resistor: 200kHz to
3.5MHz
n Protection Against Input Short Circuits and
Hot Plugging
n Low VCESAT Switch: 0.3V at 2.5A (Typical)
n Capable of Positive and Negative Outputs
n Available in Thermally Enhanced 14-Lead
(4mm × 3mm) DFN and 16-Lead TSSOP Packages
5V to 12V Efficiency
200k
23.2k
17.8k
10k
2.2μF
VIN
5V
4.7μH
3479 TA01
FBN
SW
L
VS
VIN
VC
GND
RT
VREF
SHDN
SS
LT3479
FBP
2.2nF
10μF
VOUT
12V
0.8A
10nF
IOUT (A)
0
70
80
0.8
3479 TA02
60
0.2
0.4
0.6
90
65
75
85
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LT3479

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3479 LINER-LT3479 Datasheet
238Kb / 20P
3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
LT3479 LINER-LT3479 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3479 LINER-LT3479 Datasheet
207Kb / 20P
True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3479 LINER-LT3479 Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
logo
Linear Dimensions Semic...
LT3479 LINEAR_DIMENSIONS-LT3479 Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3479

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
V 1.0
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
V5.0
logo
Linear Technology
LT3479 LINER-LT3479 Datasheet
238Kb / 20P
3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com