Electronic Components Datasheet Search
  English  ▼

X  

LT3494 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3494
Description  Micropower Low Noise Boost Converters with Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3494 Datasheet(HTML) 3 Page - Linear Technology

  LT3494 Datasheet HTML 1Page - Linear Technology LT3494 Datasheet HTML 2Page - Linear Technology LT3494 Datasheet HTML 3Page - Linear Technology LT3494 Datasheet HTML 4Page - Linear Technology LT3494 Datasheet HTML 5Page - Linear Technology LT3494 Datasheet HTML 6Page - Linear Technology LT3494 Datasheet HTML 7Page - Linear Technology LT3494 Datasheet HTML 8Page - Linear Technology LT3494 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT3494/LT3494A
3
3494fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3494/LT3494A are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CTRL Pin Bias Current
VCTRL = 0.5V, Current Flows Out of Pin
●
20
100
nA
CTRL to FB Offset
VCTRL = 0.5V
8
15
mV
Maximum Shunt Current
VFB = 1.3V, VCAP = 5V
230
μA
Note 3: Internal reference voltage is determined by finding VFB voltage
level which causes quiescent current to increase 20μA above “Not
Switching” level.
Note 4: If CTRL is overriding the internal reference, Start-Up mode occurs
when VFB is less then half the voltage on CTRL. If CTRL is not overriding
the internal reference, Start-Up mode occurs when VFB is less then half the
voltage of the internal reference.
Note 5: Current limit guaranteed by design and/or correlation to static test.
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3V, VSHDN = VCC, unless otherwise noted. (Note 2)
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
vs Load Currrent
Load Regulation
VOUT vs CTRL Voltage
LOAD CURRENT (mA)
0.1
800
1000
1200
1400
1
10
100
3494 G01
600
400
200
0
LT3494
FIGURE 5 CIRCUIT
VCC = 3.6V
VOUT = 16V
LOAD CURRENT (mA)
0
0
1.0
40
3494 G02
–1.0
–2.0
10
20
30
5
15
25
35
2.0
–0.5
0.5
–1.5
1.5
LT3494
FIGURE 5 CIRCUIT
VCC = 3.6V
VOUT = 16V
CTRL VOLTAGE (V)
0.1
0
5
10
15
20
0.3
0.5
0.7
0.9
3494 G03
1.1
1.3
1.5
LT3494
FIGURE 5 CIRCUIT
VCC = 3.6V
VOUT = 16V
LOAD CURRENT = 1mA
TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com