Electronic Components Datasheet Search
  English  ▼

X  

LTC1874 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1874
Description  Dual Constant Frequency Current Mode Step-Down DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1874 Datasheet(HTML) 3 Page - Linear Technology

  LTC1874 Datasheet HTML 1Page - Linear Technology LTC1874 Datasheet HTML 2Page - Linear Technology LTC1874 Datasheet HTML 3Page - Linear Technology LTC1874 Datasheet HTML 4Page - Linear Technology LTC1874 Datasheet HTML 5Page - Linear Technology LTC1874 Datasheet HTML 6Page - Linear Technology LTC1874 Datasheet HTML 7Page - Linear Technology LTC1874 Datasheet HTML 8Page - Linear Technology LTC1874 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1874
TYPICAL PERFORMANCE CHARACTERISTICS
Reference Voltage
vs Temperature
Undervoltage Lockout Trip
Voltage vs Temperature
Shutdown Threshold
vs Temperature
Maximum (VIN – SENSE
–) Voltage
vs Duty Cycle
Normalized Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–55
775
780
790
795
800
825
810
–15
25
45
125
1874 G01
785
815
820
805
–35
5
65
85 105
VIN = 4.2V
TEMPERATURE (
°C)
–55
–10
–8
–4
–2
0
10
4
–15
25
45
125
1874 G02
–6
6
8
2
–35
5
65
85 105
VIN = 4.2V
TEMPERATURE (
°C)
–55
1.84
1.88
1.96
2.00
2.04
2.24
2.12
–15
25
45
125
1874 G03
1.92
2.16
2.20
2.08
–35
5
65
85 105
VIN FALLING
DUTY CYCLE (%)
20
30
100
1874 G04
40
50
60
70
80
90
130
120
110
100
90
80
70
60
50
VIN = 4.2V
TA = 25°C
TEMPERATURE (
°C)
–55
200
240
320
360
400
600
480
–15
25
45
125
1874 G05
280
520
560
440
–35
5
65
85 105
VIN = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com