Electronic Components Datasheet Search
  English  ▼

X  

LTC2050 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2050
Description  Zero-Drift Operational Amplifiers in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2050 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2050 Datasheet HTML 3Page - Linear Technology LTC2050 Datasheet HTML 4Page - Linear Technology LTC2050 Datasheet HTML 5Page - Linear Technology LTC2050 Datasheet HTML 6Page - Linear Technology LTC2050 Datasheet HTML 7Page - Linear Technology LTC2050 Datasheet HTML 8Page - Linear Technology LTC2050 Datasheet HTML 9Page - Linear Technology LTC2050 Datasheet HTML 10Page - Linear Technology LTC2050 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC2050/LTC2050HV
7
2050fc
TYPICAL PERFORMANCE CHARACTERISTICS
Common Mode Rejection Ratio
vs Frequency
DC CMRR vs Common Mode Input
Voltage
PSRR vs Frequency
Output Voltage Swing vs Load
Resistance
Output Swing vs Output Current
Output Swing vs Load Resistance
±5V Supply
Output Swing vs Output Current
±5V Supply
Gain/Phase vs Frequency
Bias Current vs Temperature
FREQUENCY (Hz)
20
40
80
120
140
1
100
1k
100k
2050 G01
0
10
10k
60
100
VS = 3V OR 5V
VCM = 0.5VP-P
VCM (V)
20
40
80
120
140
13
4
0
2050 G02
0
25
60
100
VS = 3V
VS = 5V
TA = 25°C
FREQUENCY (Hz)
10
120
100
80
60
40
20
0
100
1k
10k
100k
2050 G14
1M
–PSRR
+PSRR
OUTPUT CURRENT (mA)
0.01
2
3
4
5
0.1
1
10
2050 G04
1
0
6
VS = 5V
VS = 3V
FREQUENCY (Hz)
0
20
40
60
100
100
1k
100k
1M
10M
2050 G05
–20
–40
10k
80
180
160
140
120
100
200
80
GAIN
PHASE
VS = 3V OR 5V
CL = 35pF
RL = 10kΩ
TEMPERATURE (°C)
–25
10
1
100
10k
1k
100
75
2050 G06
–50
125
50
025
VS = 3V
VS = 5V
LOAD RESISTANCE (kΩ)
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
8
2050 G16
2
4
6
10
RL TO GND
OUTPUT CURRENT (mA)
0.01
5
4
3
2
1
0
–1
–2
–3
–4
–5
2050 G17
0.1
10
1.0
RL TO GND
LOAD RESISTANCE (kΩ)
0
6
5
4
3
2
1
0
2
4
2050 G03
6
8
10
RL TO GND
VS = 5V
VS = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com