Electronic Components Datasheet Search
  English  ▼

X  

LTC2053 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2053 Datasheet HTML 10Page - Linear Technology LTC2053 Datasheet HTML 11Page - Linear Technology LTC2053 Datasheet HTML 12Page - Linear Technology LTC2053 Datasheet HTML 13Page - Linear Technology LTC2053 Datasheet HTML 14Page - Linear Technology LTC2053 Datasheet HTML 15Page - Linear Technology LTC2053 Datasheet HTML 16Page - Linear Technology LTC2053 Datasheet HTML 17Page - Linear Technology LTC2053 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC2053/LTC2053-SYNC

2053syncfc
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2010
LT 0710 REV C • PRINTED IN USA
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LT1167
Single Resistor Gain-Programmable, Precision
Instrumentation Amplifier
Single-Gain Set Resistor: G = 1 to 10,000, Low Noise: 7.5nV√Hz
LTC2050/LTC2051
Zero-Drift Single/Dual Operation Amplifier
SOT-23 and MS8 Packages
LTC2054/LTC2055
Zero-Drift µPower Operational Amplifier
SOT-23 and MS8 Packages, 150µA/Op Amp
LTC6800
Single-Supply, Zero-Drift, Rail-to-Rail Input and Output
Instrumentation Amplifier
MS8 Package, 100µV Max VOS, 250nV/°C Max Drift
Linearized Platinum RTD Amplifier
–
+
1
4
5
6
7
LTC2053
8
3
2
0.1µF
2.7k
1.21k
5V
5V
–
+
1
4
5
6
7
LTC2053
8
3
2
5V
0.1µF
PT100*
3-WIRE RTD
0.1µF
0.1µF
0.1µF
1M
16.2k
16.9k
10k
24.9k
11k
CW
CW
CW
39.2k
5k
GAIN
LINEARITY
10k
49.9
249k
LT1634-1.25
ZERO
100
953
10mV/°C
0°C – 400°C
(±0.1°C)
2053 TA08
i ≈ 1mA
*CONFORMING TO IEC751 OR DIN43760
RT = RO (1 + 3.908 • 10–3T – 5.775 • 10–7T2), RO = 100
(e.g., 100 AT 0°C, 175.9 AT 200°C, 247.1 AT 400°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com