Electronic Components Datasheet Search
  English  ▼

X  

LTC2604 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2604
Description  Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2604 Datasheet(HTML) 3 Page - Linear Technology

  LTC2604 Datasheet HTML 1Page - Linear Technology LTC2604 Datasheet HTML 2Page - Linear Technology LTC2604 Datasheet HTML 3Page - Linear Technology LTC2604 Datasheet HTML 4Page - Linear Technology LTC2604 Datasheet HTML 5Page - Linear Technology LTC2604 Datasheet HTML 6Page - Linear Technology LTC2604 Datasheet HTML 7Page - Linear Technology LTC2604 Datasheet HTML 8Page - Linear Technology LTC2604 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2604/LTC2614/LTC2624
3
2604fd
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSR
Power Supply Rejection
VCC = 5V ±10%
VCC = 3V ±10%
–80
–80
dB
dB
ROUT
DC Output Impedance
VREF = VCC = 5V, Midscale; –15mA ≤ IOUT ≤ 15mA
VREF = VCC = 2.5V, Midscale; –7.5mA ≤ IOUT ≤ 7.5mA
l
l
0.025
0.030
0.15
0.15
Ω
Ω
DC Crosstalk (Note 4)
Due to Full Scale Output Change (Note 5)
Due to Load Current Change
Due to Powering Down (per Channel)
±5
±1
±3.5
μV
μV/mA
μV
ISC
Short-Circuit Output Current
VCC = 5.5V, VREF = 5.5V
Code: Zero Scale; Forcing Output to VCC
Code: Full Scale; Forcing Output to GND
l
l
15
15
34
36
60
60
mA
mA
VCC = 2.5V, VREF = 2.5V
Code: Zero Scale; Forcing Output to VCC
Code: Full Scale; Forcing Output to GND
l
l
7.5
7.5
18
24
50
50
mA
mA
Reference Input
Input Voltage Range
l
0VCC
μA
Resistance
Normal Mode
l
88
128
160
kΩ
Capacitance
14
pF
IREF
Reference Current, Power Down Mode All DACs Powered Down
l
0.001
1
μA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
l
2.5
5.5
V
ICC
Supply Current
VCC = 5V (Note 3)
VCC = 3V (Note 3)
All DACs Powered Down (Note 3) VCC = 5V
All DACs Powered Down (Note 3) VCC = 3V
l
l
l
l
1.3
1
0.35
0.10
2
1.6
1
1
mA
mA
μA
μA
Digital I/O
VIH
Digital Input High Voltage
VCC = 2.5V to 5.5V
VCC = 2.5V to 3.6V
l
l
2.4
2.0
V
V
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF A = REF B = REF C = REF D = 4.096V (VCC = 5V), REF A = REF B =
REF C = REF D = 2.048V (VCC = 2.5V), REF LO = 0V, VOUT unloaded, unless otherwise noted. (Note 10)
SYMBOL PARAMETER
CONDITIONS
LTC2624/LTC2624-1
LTC2614/LTC2614-1
LTC2604/LTC2604-1
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Load Regulation
VREF = VCC = 5V, Midscale
IOUT = 0mA to 15mA Sourcing
IOUT = 0mA to 15mA Sinking
l
l
0.025
0.025
0.125
0.125
0.1
0.1
0.5
0.5
0.3
0.3
2
2
LSB/mA
LSB/mA
VREF = VCC = 2.5V, Midscale
IOUT = 0mA to 7.5mA Sourcing
IOUT = 0mA to 7.5mA Sinking
l
l
0.05
0.05
0.25
0.25
0.2
0.2
1
1
0.7
0.7
4
4
LSB/mA
LSB/mA
ZSE
Zero-Scale Error
l
1.5
9
1.5
9
1.5
9
mV
VOS
Offset Error
(Note 7)
l
±1.5
±9
±1.5
±9
±1.5
±9
mV
VOS Temperature
Coefficient
±5
±5
±5
μV/°C
GE
Gain Error
l
±0.1
±0.7
±0.1
±0.7
±0.1
±0.7
%FSR
Gain Temperature
Coefficient
±5
±5
±5
ppm/°C
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. REF
A = REF B = REF C = REF D = 4.096V (VCC = 5V), REF A = REF B = REF C = REF D = 2.048V (VCC = 2.5V), REF LO = 0V, VOUT unloaded,
unless otherwise noted. (Note 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com