Electronic Components Datasheet Search
  English  ▼

X  

LTC2614 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2614
Description  Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2614 Datasheet(HTML) 2 Page - Linear Technology

  LTC2614 Datasheet HTML 1Page - Linear Technology LTC2614 Datasheet HTML 2Page - Linear Technology LTC2614 Datasheet HTML 3Page - Linear Technology LTC2614 Datasheet HTML 4Page - Linear Technology LTC2614 Datasheet HTML 5Page - Linear Technology LTC2614 Datasheet HTML 6Page - Linear Technology LTC2614 Datasheet HTML 7Page - Linear Technology LTC2614 Datasheet HTML 8Page - Linear Technology LTC2614 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2604/LTC2614/LTC2624
2
2604fd
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
GND
REF LO
REF A
VOUT A
VOUT B
REF B
CS/LD
SCK
VCC
REF D
VOUT D
VOUT C
REF C
CLR
SDO
SDI
TJMAX = 125°C, θJA = 150°C/W
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
ORDER INFORMATION
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF A = REF B = REF C = REF D = 4.096V (VCC = 5V), REF A = REF B =
REF C = REF D = 2.048V (VCC = 2.5V), REF LO = 0V, VOUT unloaded, unless otherwise noted. (Note 10)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2604CGN#PBF
LTC2604CGN#TRPBF
2604
16-Lead Narrow SSOP Package
0°C to 70°C
LTC2604CGN-1#PBF
LTC2604CGN-1#TRPBF
26041
16-Lead Narrow SSOP Package
0°C to 70°C
LTC2604IGN#PBF
LTC2604IGN#TRPBF
2604I
16-Lead Narrow SSOP Package
–40°C to 85°C
LTC2604IGN-1#PBF
LTC2604IGN-1#TRPBF
2604I1
16-Lead Narrow SSOP Package
–40°C to 85°C
LTC2614CGN#PBF
LTC2614CGN#TRPBF
2614
16-Lead Narrow SSOP Package
0°C to 70°C
LTC2614CGN-1#PBF
LTC2614CGN-1#TRPBF
26141
16-Lead Narrow SSOP Package
0°C to 70°C
LTC2614IGN#PBF
LTC2614IGN#TRPBF
2614I
16-Lead Narrow SSOP Package
–40°C to 85°C
LTC2614IGN-1#PBF
LTC2614IGN-1#TRPBF
2614I1
16-Lead Narrow SSOP Package
–40°C to 85°C
LTC2624CGN#PBF
LTC2624CGN#TRPBF
2624
16-Lead Narrow SSOP Package
0°C to 70°C
LTC2624CGN-1#PBF
LTC2624CGN-1#TRPBF
26241
16-Lead Narrow SSOP Package
0°C to 70°C
LTC2624IGN#PBF
LTC2624IGN#TRPBF
2624I
16-Lead Narrow SSOP Package
–40°C to 85°C
LTC2624IGN-1#PBF
LTC2624IGN-1#TRPBF
2624I1
16-Lead Narrow SSOP Package
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
LTC2624/LTC2624-1
LTC2614/LTC2614-1
LTC2604/LTC2604-1
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
DC Performance
Resolution
l
12
14
16
Bits
Monotonicity
(Note 2)
l
12
14
16
Bits
DNL
Differential Nonlinearity (Note 2)
l
±0.5
±1
±1
LSB
INL
Integral Nonlinearity
(Note 2)
l
±0.9
±4
±4
±16
±14
±64
LSB
Any Pin to GND ............................................ –0.3V to 6V
Any Pin to VCC ............................................. –6V to 0.3V
Maximum Junction Temperature .......................... 125°C
Operating Temperature Range
LTC2604C/LTC2614C/LTC2624C ............. 0°C to 70°C
LTC2604C-1/LTC2614C-1/
LTC2624C-1 ............................................. 0°C to 70°C
LTC2604I/LTC2614I/LTC2624I.............–40°C to 85°C
LTC2604I-1/LTC2614I-1/
LTC2624I-1 ..........................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com