Electronic Components Datasheet Search
  English  ▼

X  

LTC2624 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2624
Description  Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2624 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2624 Datasheet HTML 2Page - Linear Technology LTC2624 Datasheet HTML 3Page - Linear Technology LTC2624 Datasheet HTML 4Page - Linear Technology LTC2624 Datasheet HTML 5Page - Linear Technology LTC2624 Datasheet HTML 6Page - Linear Technology LTC2624 Datasheet HTML 7Page - Linear Technology LTC2624 Datasheet HTML 8Page - Linear Technology LTC2624 Datasheet HTML 9Page - Linear Technology LTC2624 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2604/LTC2614/LTC2624
6
2604fd
LOGIC VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2604 G13
2.0
1.8
1.6
1.4
1.2
1.0
0.8
VCC = 5V
SWEEP SCK, SDI
AND CS/LD
0V TO VCC
Supply Current vs Logic Voltage
Exiting Power-Down to Midscale
IOUT (mA)
0
1
2
3
4
5
6
7
8
910
2604 G12
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
5V SOURCING
3V SOURCING
3V SINKING
5V SINKING
Headroom at Rails
vs Output Current
(LTC2604/LTC2604-1, LTC2614/LTC2614-1, LTC2624/LTC2624-1)
VOUT
10mV/DIV
250μs/DIV
2604 G11
VCC
1V/DIV
4mV PEAK
Midscale Glitch Impulse
Power-On Reset Glitch
Power-On Reset to Midscale
VOUT
10mV/DIV
CS/LD
5V/DIV
2.5μs/DIV
2604 G10
12nV-s TYP
VREF = VCC
VCC
1V/DIV
VOUT
1V/DIV
500μs/DIV
2604 G34
TYPICAL PERFORMANCE CHARATERISTICS
2.5μs/DIV
VOUT
0.5V/DIV
CS/LD
5V/DIV
2604 G14
VCC = 5V
VREF = 2V
DACs A-C IN
POWER-DOWN MODE
2.5μs/DIV
VOUT
0.5V/DIV
2604 G09
VREF = VCC = 5V
1/4-SCALE TO 3/4-SCALE
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
2604 G08
450
400
350
300
250
200
150
100
50
0
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
2604 G07
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
ICC Shutdown vs VCC
Large-Signal Settling
Gain Error vs VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com