Electronic Components Datasheet Search
  English  ▼

X  

LTC2934 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2934
Description  Ultra-Low Power Adjustable Supervisor with Power-Fail Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2934 Datasheet(HTML) 1 Page - Linear Technology

  LTC2934 Datasheet HTML 1Page - Linear Technology LTC2934 Datasheet HTML 2Page - Linear Technology LTC2934 Datasheet HTML 3Page - Linear Technology LTC2934 Datasheet HTML 4Page - Linear Technology LTC2934 Datasheet HTML 5Page - Linear Technology LTC2934 Datasheet HTML 6Page - Linear Technology LTC2934 Datasheet HTML 7Page - Linear Technology LTC2934 Datasheet HTML 8Page - Linear Technology LTC2934 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC2934
1
2934f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Ultra-Low Power
Adjustable Supervisor with
Power-Fail Output
The LTC®2934 ultra-low power voltage monitor provides
system initialization, power-fail warning and reset gen-
eration functions. Low quiescent current (500nA typical)
makes the LTC2934 an ideal choice for battery-operated
applications.
Precision power-fail and reset voltages can be configured
independently. Early warning of an impending low volt-
age condition is provided at the power-fail output (PFO)
when the PFI input falls below 0.4V. Supervisory circuits
monitor the ADJ input and pull RST low when ADJ falls
below 0.4V. When ADJ is rising from an under-threshold
condition, an internal reset timer is started after exceeding
the ADJ threshold by 5%. The reset timeout delays the
return of the RST output to a high state. A pushbutton
switch connected to the MR input is typically used to
force a manual reset. Outputs RST and PFO are available
with open-drain (LTC2934-1) or active pull-up circuits
(LTC2934-2). Operating temperature range is from –40ºC
to 85ºC.
Configurable Low Power Voltage Supervisor
n 500nA Quiescent Current
n ±1.5% (Max) Accuracy over Temperature
n Operates Down to 1.6V Supply
n Adjustable Reset Threshold
n Adjustable Power-Fail Threshold
n Early Warning Power-Fail Output
n Selectable 15ms or 200ms Reset Timeout
n Manual Reset Input
n Compact 8-Lead, 2mm
× 2mm DFN and TSOT-23
(ThinSOT™) Packages
n Portable Equipment
n Battery-Powered Equipment
n Security Systems
n Point-of-Sale Devices
n Wireless Systems
, LT, LTC, LTM are registered trademarks of Linear Technology Corporation. ThinSOT is
a trademark of Linear Technology Corporation. All other trademarks are the property of
their respective owners.
Selectable Reset Timeout Period
VCC
VIN
BATTERY
POWERED
SYSTEM
LOGIC
2934 TA01a
0.1μF
PFO
RST
MR
LTC2934-2
GND
RT
ADJ
PFI
750k
11.8k
237k
POWER FAIL FALLING THRESHOLD = 1.686V
RESET FALLING THRESHOLD
= 1.606V
RST, RT = GND
RST, RT = VCC
VCC
15ms
200ms
2934 TA01b


Similar Part No. - LTC2934

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2934 LINER-LTC2934 Datasheet
174Kb / 12P
Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2934 LINER-LTC2934 Datasheet
248Kb / 16P
36V Nano-Current Two Input Voltage Monitor
LTC2934CDC-1-TRMPBF LINER-LTC2934CDC-1-TRMPBF Datasheet
174Kb / 12P
Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2934CDC-1-TRPBF LINER-LTC2934CDC-1-TRPBF Datasheet
174Kb / 12P
Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2934CDC-2-TRMPBF LINER-LTC2934CDC-2-TRMPBF Datasheet
174Kb / 12P
Ultra-Low Power Adjustable Supervisor with Power-Fail Output
More results

Similar Description - LTC2934

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
December 6, 2006
logo
Linear Technology
LTC2934 LINER-LTC2934 Datasheet
174Kb / 12P
Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2935 LINER-LTC2935 Datasheet
166Kb / 12P
Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
January 12, 2009
logo
Linear Technology
LTC2935 LINER-LTC2935_15 Datasheet
144Kb / 12P
Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
TLV840 TI-TLV840_V01 Datasheet
1Mb / 29P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V02 Datasheet
1Mb / 29P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V03 Datasheet
1Mb / 30P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V04 Datasheet
1Mb / 30P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com