Electronic Components Datasheet Search
  English  ▼

X  

KTA200 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTA200
Description  EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA200 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTA200 Datasheet HTML 1Page - KEC(Korea Electronics) KTA200 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1994. 3. 23
1/2
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEAUTRES
Excellent hFE Linearity
: hFE(2)=25(Min.) at VCE=-6V, IC=-400mA.
Complementary to KTC200.
MAXIMUM RATING (Ta=25 )
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
2. COLLECTOR
3. BASE
+_
SEMICONDUCTOR
TECHNICAL DATA
KTA200
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-500
mA
Base Current
IB
-100
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-
-
-0.1
A
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-0.1
A
DC Current Gain (Note)
hFE(1)
VCE=-2V, IC=-50mA
70
-
240
hFE(2)
VCE=-6V, IC=-400mA
25
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-100mA, IB=-10mA
-
-0.1
-0.25
V
Base-Emitter Voltage
VBE
VCE=-1V, IC=-100mA
-
-0.8
-1.0
V
Transition Frequency
fT
VCE=-6V, IC=-20mA
-
200
-
MHz
Collector Output Capacitance
Cob
VCB=-6V, IE=0, f=1MHz
-
13
-
pF
Note : hFE(1) Classification O:70 140 , Y:120 240


Similar Part No. - KTA200

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA200 KEC-KTA200 Datasheet
77Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
Foshan Blue Rocket Elec...
KTA200 FOSHAN-KTA200 Datasheet
832Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
logo
Schneider Electric
KTA2000CP31 SCHNEIDER-KTA2000CP31 Datasheet
283Kb / 3P
Canalis KT Change direction components Edgewise and flat zed units
2026. 1. 9
KTA2000CP32 SCHNEIDER-KTA2000CP32 Datasheet
283Kb / 3P
Canalis KT Change direction components Edgewise and flat zed units
2026. 1. 9.
KTA2000CP33 SCHNEIDER-KTA2000CP33 Datasheet
271Kb / 3P
Canalis KT Change direction components Edgewise and flat zed units
2026. 1. 9.
More results

Similar Description - KTA200

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N2906E KEC-2N2906E Datasheet
51Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3906U KEC-2N3906U Datasheet
186Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC856W KEC-BC856W Datasheet
248Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BSS63 KEC-BSS63 Datasheet
59Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2907S KEC-KN2907S Datasheet
261Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN3905S KEC-KN3905S Datasheet
199Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA1504 KEC-KTA1504 Datasheet
260Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501E KEC-KTA501E Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA701U KEC-KTA701U Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA712U KEC-KTA712U Datasheet
79Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com