Electronic Components Datasheet Search
  English  ▼

X  

UPD6345 Datasheet(PDF) 10 Page - NEC

Part # UPD6345
Description  8 BIT SERIAL IN/PARALLEL OUT DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6345 Datasheet(HTML) 10 Page - NEC

Back Button UPD6345 Datasheet HTML 6Page - NEC UPD6345 Datasheet HTML 7Page - NEC UPD6345 Datasheet HTML 8Page - NEC UPD6345 Datasheet HTML 9Page - NEC UPD6345 Datasheet HTML 10Page - NEC UPD6345 Datasheet HTML 11Page - NEC UPD6345 Datasheet HTML 12Page - NEC UPD6345 Datasheet HTML 13Page - NEC UPD6345 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
µPD6345
10
SUPPLY CURRENT CHARACTERISTICS (8 Outputs is all ON, No load)
40
30
20
10
0
4.0
5.0
6.0
Supply Voltage VDD (V)
0
–40
Ambient Temperature Ta (°C)
10
20
30
40
–20
0
20
406080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com