Electronic Components Datasheet Search
  English  ▼

X  

LTC3214 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3214
Description  500mA Camera LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3214 Datasheet(HTML) 2 Page - Linear Technology

  LTC3214 Datasheet HTML 1Page - Linear Technology LTC3214 Datasheet HTML 2Page - Linear Technology LTC3214 Datasheet HTML 3Page - Linear Technology LTC3214 Datasheet HTML 4Page - Linear Technology LTC3214 Datasheet HTML 5Page - Linear Technology LTC3214 Datasheet HTML 6Page - Linear Technology LTC3214 Datasheet HTML 7Page - Linear Technology LTC3214 Datasheet HTML 8Page - Linear Technology LTC3214 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3214
2
3214fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN to GND ............................................... –0.3V to 5.5V
CPO to GND ............................................. –0.3V to 5.5V
EN ................................................... –0.3V to VIN + 0.3V
ICPO, IILED (Note 2)...............................................600mA
CPO Short-Circuit Duration ............................. Indefinite
Storage Temperature Range.................. –65°C to 125°C
Operating Temperature Range (Note 3)... –40°C to 85°C
(Note 1)
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
C1–
GND
C2–
VIN
EN
C2+
C1+
CPO
ILED
ISET
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3214EDD#PBF
LTC3214EDD#TRPBF
LBVQ
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, CIN = C1 = C2 = 2.2μF, CCPO = 4.7μF.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Supply
VIN Operating Voltage
l
2.9
4.5
V
IVIN Operating Current
ICPO = 0mA, 1x Mode
ICPO = 0mA, 1.5x
ICPO = 0mA, 2x Mode
980
4.8
6.7
μA
mA
mA
IVIN Shutdown Current
EN = LOW
2.5
7.5
μA
LED Current
LED Current Ratio (ILED/ISET)ILED = 150mA to 500mA
2715
2950
3190
mA/mA
ILED Dropout Voltage (VILED)
Mode Switch Threshold, ILED = 200mA
40
mV
Mode Switching Delay (LED Warm-Up Time)
2.5
ms
LED Current On Time
EN to LED Current On
100
μs
Charge Pump (CPO)
Charge Pump Output Clamp Voltage
5V
1x Mode Output Impedance
0.70
Ω
1.5x Mode Output Impedance
3.2
Ω
2x Mode Output Impedance
3.5
Ω
CLK Frequency
VIN = 3V
l
0.6
0.9
1.2
MHz
CPO Short-Circuit Detection
Threshold Voltage
EN = High
l
0.5
1.5
V
Test Current
EN = Low, VCPO = 0V
l
12
66
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com