Electronic Components Datasheet Search
  English  ▼

X  

LTC3400B Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3400B
Description  600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3400B Datasheet(HTML) 2 Page - Linear Technology

  LTC3400B Datasheet HTML 1Page - Linear Technology LTC3400B Datasheet HTML 2Page - Linear Technology LTC3400B Datasheet HTML 3Page - Linear Technology LTC3400B Datasheet HTML 4Page - Linear Technology LTC3400B Datasheet HTML 5Page - Linear Technology LTC3400B Datasheet HTML 6Page - Linear Technology LTC3400B Datasheet HTML 7Page - Linear Technology LTC3400B Datasheet HTML 8Page - Linear Technology LTC3400B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3400/LTC3400B
2
3400fa
VIN Voltage ................................................. – 0.3V to 6V
SW Voltage ................................................. – 0.3V to 6V
SHDN, FB Voltage ....................................... – 0.3V to 6V
VOUT ........................................................... – 0.3V to 6V
Operating Temperature Range (Note 2) .. – 30
°C to 85°C
Storage Temperature Range ................... – 65
°C to 125°
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S6 PART MARKING
TJMAX = 125°C, θJC = 102°C/W
LTWK
LTUN
LTC3400ES6
LTC3400BES6
(Note 1)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3400E/LTC3400BE are guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –30°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Voltage
ILOAD = 1mA
0.85
1
V
Minimum Operating Voltage
SHDN = VIN (Note 4)
0.5
0.65
V
Output Voltage Adjust Range
2.5
5
V
Feedback Voltage
q
1.192
1.23
1.268
V
Feedback Input Current
VFB = 1.25V (Note 3)
1
nA
Quiescent Current (Burst Mode Operation)
VFB = 1.4V (Note 5), LTC3400 Only
19
30
µA
Quiescent Current (Shutdown)
VSHDN = 0V, Not Including Switch Leakage
0.01
1
µA
Quiescent Current (Active)
Measured On VOUT
300
500
µA
NMOS Switch Leakage
VSW = 5V
0.1
5
µA
PMOS Switch Leakage
VSW = 0V
0.1
5
µA
NMOS Switch On Resistance
VOUT = 3.3V
0.35
Ω
VOUT = 5V
0.20
Ω
PMOS Switch On Resistance
VOUT = 3.3V
0.45
Ω
VOUT = 5V
0.30
Ω
NMOS Current Limit
600
850
mA
Burst Mode Operation Current Threshold
LTC3400 Only (Note 3)
3
mA
Current Limit Delay to Output
(Note 3)
40
ns
Max Duty Cycle
VFB = 1.15V
q
80
87
%
Switching Frequency
0.95
1.2
1.5
MHz
q
0.85
1.2
1.5
MHz
SHDN Input High
1V
SHDN Input Low
0.35
V
SHDN Input Current
VSHDN = 5.5V
0.01
1
µA
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Note 3: Specification is guaranteed by design and not 100% tested in
production.
Note 4: Minimum VIN operation after start-up is only limited by the
battery’s ability to provide the necessary power as it enters a deeply
discharged state.
Note 5: Burst Mode operation IQ is measured at VOUT. Multiply this value
by VOUT/VIN to get the equivalent input (battery) current.
SW 1
GND 2
FB 3
6 VIN
5 VOUT
4 SHDN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com