Electronic Components Datasheet Search
  English  ▼

X  

DRD520T08 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DRD520T08
Description  Rectifier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DRD520T08 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DRD520T08 Datasheet HTML 1Page - Dynex Semiconductor DRD520T08 Datasheet HTML 2Page - Dynex Semiconductor DRD520T08 Datasheet HTML 3Page - Dynex Semiconductor DRD520T08 Datasheet HTML 4Page - Dynex Semiconductor DRD520T08 Datasheet HTML 5Page - Dynex Semiconductor DRD520T08 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DRD520T14
Rectifier Diode
DS5990
– 1 March 2011 (LN28176)
1/6
www.dynexsemi.com
FEATURES
Double Side Cooling
High Surge Capability
VOLTAGE RATINGS
Part and
Ordering
Number
Repetitive Peak
Voltages
VRRM
V
Conditions
DRD520T14
DRD520T12
DRD520T10
DRD520T08
DRD520T06
1400
1200
1000
800
600
VRSM = VRRM+100V
ORDERING INFORMATION
When ordering, select the required part number
shown in the Voltage Ratings selection table.
For example:
DRD520T14 for a 1400V device
KEY PARAMETERS
VRRM
1400V
IF(AV)
520A
IFSM
5900A
(See Package Details for further information)
Fig. 1 Package outline


Similar Part No. - DRD520T08

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DRD520T08 DYNEX-DRD520T08 Datasheet
263Kb / 6P
Rectifier Diode
More results

Similar Description - DRD520T08

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com