Electronic Components Datasheet Search
  English  ▼

X  

DRD520T06 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DRD520T06
Description  Rectifier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DRD520T06 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DRD520T06 Datasheet HTML 1Page - Dynex Semiconductor DRD520T06 Datasheet HTML 2Page - Dynex Semiconductor DRD520T06 Datasheet HTML 3Page - Dynex Semiconductor DRD520T06 Datasheet HTML 4Page - Dynex Semiconductor DRD520T06 Datasheet HTML 5Page - Dynex Semiconductor DRD520T06 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DRD520T14
4/6
www.dynexsemi.com
CURVES
Fig.2 Maximum forward characteristics
Fig.3 Dissipation curves
Fig.4 Surge (Non-Repetitive) Forward current vs time
Fig.5 Maximum (limit) transient thermal impedance-
junction to case
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
0
1
2
3
4
5
6
7
Instantaneous forward voltage,VF - (V)
Tj=190°C
0
100
200
300
400
500
600
700
0
100
200
300
400
500
Mean on-state current, IT(AV) - (A)
1/2 wave
3 phase
6 phase
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
1
10
100
Number of cycles
Conditons:
Tcase=190°C
VR=0
Pulse width = 10ms
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.001
0.01
0.1
1
10
100
Time ( s )
Double side cooled



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com