Electronic Components Datasheet Search
  English  ▼

X  

AN1709 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 22Page - STMicroelectronics AN1709 Datasheet HTML 23Page - STMicroelectronics AN1709 Datasheet HTML 24Page - STMicroelectronics AN1709 Datasheet HTML 25Page - STMicroelectronics AN1709 Datasheet HTML 26Page - STMicroelectronics AN1709 Datasheet HTML 27Page - STMicroelectronics AN1709 Datasheet HTML 28Page - STMicroelectronics AN1709 Datasheet HTML 29Page - STMicroelectronics AN1709 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
26/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
3.1.4 Multiple VDD & VSS.
As already said for the I/O pins, in order to ensure ST Microcontroller compliance with respect
to Quality Assurance recommendations concerning ESD and Latch-up, dedicated circuits are
added to the different power supply and ground pins (digital and analog). These structures
create preferred paths for the high current injected during discharges, avoiding damage to ac-
tive logic and circuitry. It is important for the system designer to take this added circuitry into
account, when applying different current levels and voltages to the power supply and ground
pins. Figure 17. shows schematically the protection net implemented on ST Microcontroller
devices, composed of diodes and other special structures.
The clamp structure between the VDD and VSS pins is designed to be active during very fast
transitions (typical of electrostatic discharges). Other paths are implemented through diodes:
they limit the possibility of positively differentiating AVDD and VDD (i.e. AVDD > VDD); similar
considerations are valid for AVSS and VSS due to the back-to-back diode structure imple-
mented between the two pins. Anyway, it must be highlighted that, because VSS and AVSS are
connected to the substrate of the silicon die (even though in different areas of the die itself),
they represent the reference point from which all other voltages are measured, and it is rec-
ommended to never differentiate AVSS from VSS.
Note: If more than one pair of pins for VSS and VDD is available on the device, they are con-
nected internally and the protection net diagram remains the same as shown in Figure 17..
Figure 17. Power Supply and Ground Configuration (on ST9)
P
P
VDD
VSS
AVDD
AVSS
VTEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com