Electronic Components Datasheet Search
  English  ▼

X  

AN1711 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN1711
Description  SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1711 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN1711 Datasheet HTML 32Page - STMicroelectronics AN1711 Datasheet HTML 33Page - STMicroelectronics AN1711 Datasheet HTML 34Page - STMicroelectronics AN1711 Datasheet HTML 35Page - STMicroelectronics AN1711 Datasheet HTML 36Page - STMicroelectronics AN1711 Datasheet HTML 37Page - STMicroelectronics AN1711 Datasheet HTML 38Page - STMicroelectronics AN1711 Datasheet HTML 39Page - STMicroelectronics AN1711 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
38/40
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
12.
TIMERA_IT_Routine
46
11
13.
ADC_get_avg_WAIT
129
700
**Time for ADC_conversion_WFI is including 2 ADC conversions done in WFI mode
ADC calibration
14.
Get_transfer_line_constant
133
484
15.
Get_calibration constant
160
1.2ms
16.
Get_corrected_value
113
778
No.
Function Name
Code size
(Bytes)
Execution
time
(us)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com