Electronic Components Datasheet Search
  English  ▼

X  

AN1712 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1712
Description  GENERATING A HIGH RESOLUTION SINEWAVE USING ST7 PWMART
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1712 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1712 Datasheet HTML 6Page - STMicroelectronics AN1712 Datasheet HTML 7Page - STMicroelectronics AN1712 Datasheet HTML 8Page - STMicroelectronics AN1712 Datasheet HTML 9Page - STMicroelectronics AN1712 Datasheet HTML 10Page - STMicroelectronics AN1712 Datasheet HTML 11Page - STMicroelectronics AN1712 Datasheet HTML 12Page - STMicroelectronics AN1712 Datasheet HTML 13Page - STMicroelectronics AN1712 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12/14
GENERATING A HIGH RESOLUTION SINEWAVE USING ST7 PWMART
4 HARDWARE CONFIGURATION
This application runs on an ST72F321 microcontroller. The PWM0 channel is used to gen-
erate the PWM signal which is then filtered by low pass filter (a simple RC circuit in this ex-
ample) to generate a sinusoid. The Rext used is 1.8K and Cext is 0.47uf. The values of Rext and
Cext decides the filtering level.
The selected crystal for this example has a frequency of 8 MHz which gives fCPU = 4 MHz be-
cause the PLL is disabled and slow mode is not selected. It gives the fCOUNTER = 4 MHz for
the reset value of Counter Clock Control bits in ARTCSR register.
Figure 7. Generation of sinewave: Application circuitry
ST7
8 MHz
PWM0/PB3
/\/\/\/\/\/\
Rext=1.8K
VDD_0, VDD_1, VDD_2
VDD
VSS_0, VSS_1, VSS_2
27 pf
27 pf
OSC1
OSC2
Cext=0.47 uf
VPP/ICCSEL
C = 0.1 uf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com