Electronic Components Datasheet Search
  English  ▼

X  

AN1775 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN1775
Description  STR71x Hardware Development Getting Started
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1775 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN1775 Datasheet HTML 11Page - STMicroelectronics AN1775 Datasheet HTML 12Page - STMicroelectronics AN1775 Datasheet HTML 13Page - STMicroelectronics AN1775 Datasheet HTML 14Page - STMicroelectronics AN1775 Datasheet HTML 15Page - STMicroelectronics AN1775 Datasheet HTML 16Page - STMicroelectronics AN1775 Datasheet HTML 17Page - STMicroelectronics AN1775 Datasheet HTML 18Page - STMicroelectronics AN1775 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
AN1775
6 Reference Design
15/27
6.4
CAN interface
A general purpose, asynchronous serial I/O data port connected through a 9-pin D-type male
connector with micro switches selectable between High or Low bus output S702, and between
Standby or Slope control S700.
For more details, refer to CAN transceiver SN65HVD230D datasheet.
6.5
RS232 serial interface
A general purpose, asynchronous serial I/O data ports is connected through 9-pin D-type male
connectors.
RS232 connects directly to UART0, transmit and receive only (null modem).
RTS is shorted to CTS and DTR is shorted to DSR at the connector.
For more details, refer to RS232 transceiver ST3232 datasheet.
6.6
Serial ROM
6.6.1
SPI Flash
1-Mbit SPI serial flash connected to the buffered serial peripheral interface (BSPI). Switch S603
is used to enable or disable write protect (pull down = Write protect, pull up = Write enabled).
For more details, refer to SPI Flash M25P10-A datasheet.
6.6.2
I2C EEPROM:
8-kbit EEPROM connected to the I2C0 interface, Switch S600 is used to enable or disable write
protect (pull down = Write protect, pull up = Write enabled).
For more details, refer to I2C Eeprom M24C08 datasheet.
The values R614 and R616 are dependent on the I2C communication speed.
For more details on theses values, please refer to the STR71x reference manual.
6.7
JTAG interface
Refer to the section Section 5 on page 11.
6.8
SRAM
Two SRAM 2M byte are connected to External Interface Memoy EMI and mapped from 0x6200
0000 to 0x623F FFFF.
For more details, refer to the SRAM memory TC55V8200FT-12 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com