Electronic Components Datasheet Search
  English  ▼

X  

AN1782 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1782
Description  STR71X I2C COMMUNICATION WITH M24CXX EEPROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1782 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1782 Datasheet HTML 1Page - STMicroelectronics AN1782 Datasheet HTML 2Page - STMicroelectronics AN1782 Datasheet HTML 3Page - STMicroelectronics AN1782 Datasheet HTML 4Page - STMicroelectronics AN1782 Datasheet HTML 5Page - STMicroelectronics AN1782 Datasheet HTML 6Page - STMicroelectronics AN1782 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AN1782/0905
1/7
Rev. 2.0
AN1782
APPLICATION NOTE
STR71X I2C
COMMUNICATION WITH M24CXX EEPROM
INTRODUCTION
This application note gives an example of how to use the STR71x I2C peripheral to communi-
cate with an I2C Protocol-Compatible Electrically Erasable Programmable Read Only Mem-
ory (EEPROM). The example uses the M24C08 EEPROM from STMicroelectronics.
The implemented software manages read and write operations between the STR71x I2C
interface and the M24C08.
1 STR71X I2C PERIPHERAL
The STR71x I2C peripheral provides both multi master and slave functions, and controls all
I2C bus-specific sequencing, protocol, arbitration and timing. It also provides the transfer
problem detection feature. The speed of the I2C interface may be selected between standard
(0-100KHz) and fast I2C (100-400KHz).
The STR71x provides two I2C interfaces I2C0 and I2C1.
Only the master characteristics of the STR71x I2C are needed to manage the communication
sequencing with EEPROM, which acts as a slave.
In this application, only the single master mode is used without error management.
To implement the I2C protocol, only 2 bidirectional lines are required, SCL (Serial Clock Line),
which carries the synchronization clock and SDA (Serial Data Line), which carries the bit to be
transmitted. This line is driven by the device that sends the data.
The corresponding port pins have to be configured as alternate function open drain.
Please refer to the STR71x reference manual for more details.
2 M24CXX EEPROM
The M24Cxx families of EEPROM are compatible with the I2C protocol. This EEPROM family
includes a range of different devices. Table 1 displays the size, the number of devices that can
be connected to the I2C bus and the number of blocks in each device.
Table 1. M24Cxx EEPROMs family characteristics
Device
Size (Kbit)
Devices per Bus
Number of Blocks
M24C01
1
8
1
1


Similar Part No. - AN1782

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN1782 MAXIM-AN1782 Datasheet
48Kb / 5P
Small Footprint, 10us Response Time, 10mV Output Ripple, 1MHz, 6A Step-Down Regulator
Nov 11, 2002
logo
Arista Networks, Inc
AN1782 ARISTA-AN1782 Datasheet
3Mb / 68P
Quick Start Guide 7280R3 and 7280R3A Series Data Center Switches
logo
Panasonic Semiconductor
AN17821A PANASONIC-AN17821A Datasheet
443Kb / 6P
BTL 5.0 W × 2-channel power amplifier with standby function and volume function
logo
Unisonic Technologies
AN17823 UTC-AN17823 Datasheet
130Kb / 4P
BTL 4.0W X 1CH POWER AMPLIFIER
AN17823G-H09-B-T UTC-AN17823G-H09-B-T Datasheet
130Kb / 4P
BTL 4.0W X 1CH POWER AMPLIFIER
More results

Similar Description - AN1782

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN24LC16 INTEGRAL-IN24LC16 Datasheet
212Kb / 10P
16K SERIAL EEPROM WITH I2C BUS
logo
KODENSHI_AUK CORP.
KK24LC16 KODENSHI-KK24LC16 Datasheet
174Kb / 3P
16K Serial EEPROM with I2C bus
KK24LC16B KODENSHI-KK24LC16B Datasheet
195Kb / 3P
16K Serial EEPROM with I2C bus
logo
STMicroelectronics
AN1797 STMICROELECTRONICS-AN1797 Datasheet
85Kb / 9P
STR71x UART COMMUNICATION WITH A PC USING RS232
Rev. 2
AN1810 STMICROELECTRONICS-AN1810 Datasheet
109Kb / 8P
STR71x BSPI COMMUNICATION WITH M25P10-A SERIAL FLASH
Rev. 2.0
AN2077 STMICROELECTRONICS-AN2077 Datasheet
178Kb / 19P
EEPROM Emulation with STR71x
22-Jul-2005
logo
Rohm
BR24T16-W ROHM-BR24T16-W Datasheet
2Mb / 39P
I2C BUS EEPROM
BR24T64-W ROHM-BR24T64-W Datasheet
1Mb / 37P
I2C BUS EEPROM
logo
Maxim Integrated Produc...
MAX20328A MAXIM-MAX20328A Datasheet
804Kb / 8P
Host device with I2C communication support
Rev 0; 5/18
logo
ams AG
AS5715R AMSCO-AS5715R Datasheet
668Kb / 12P
Communication Mode (I2C)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com