Electronic Components Datasheet Search
  English  ▼

X  

AN2077 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2077
Description  EEPROM Emulation with STR71x
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2077 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2077 Datasheet HTML 8Page - STMicroelectronics AN2077 Datasheet HTML 9Page - STMicroelectronics AN2077 Datasheet HTML 10Page - STMicroelectronics AN2077 Datasheet HTML 11Page - STMicroelectronics AN2077 Datasheet HTML 12Page - STMicroelectronics AN2077 Datasheet HTML 13Page - STMicroelectronics AN2077 Datasheet HTML 14Page - STMicroelectronics AN2077 Datasheet HTML 15Page - STMicroelectronics AN2077 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12/19
EEPROM Emulation with STR71x
4 SOFTWARE EXAMPLE
This software example is intended to illustrate how to implement some aspects of the
EEPROM emulation concept.
This software implements the following features:
– Data-set storage
– Status bit for Data-set
– Status bit for active Flash sector
– Read While Write using the sectors of the second bank
It also provides three output functions:
– EEPROM_Init
– EEPROM_DataRead
– EEPROM_DataWrite
4.1 SOFTWARE EXAMPLE CONCEPT
The software example is based on fixed-length Data-sets and 2 Flash sectors
This software example allows you to write from 1 to 1984 Data-Sets per sector. The configu-
ration of the number of Data-Set can be set in the E3PROM.h file.
For example, to configure the max Data-Set to 100 for the two sectors, configure
Max_Count_1 and Max_Count_2 in the E3PROM.h file as follows:
:
/* Max status bits for data set */
#define Max_Count_1
35 /* The number of Data-Sets in the first sector */
#define Max_Count_2
35 /* the number of Data-Sets in the second sector */
Note: You can configure the max. Data-Set for each sector independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com