Electronic Components Datasheet Search
  English  ▼

X  

LTC3408 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3408
Description  1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3408 Datasheet(HTML) 1 Page - Linear Technology

  LTC3408 Datasheet HTML 1Page - Linear Technology LTC3408 Datasheet HTML 2Page - Linear Technology LTC3408 Datasheet HTML 3Page - Linear Technology LTC3408 Datasheet HTML 4Page - Linear Technology LTC3408 Datasheet HTML 5Page - Linear Technology LTC3408 Datasheet HTML 6Page - Linear Technology LTC3408 Datasheet HTML 7Page - Linear Technology LTC3408 Datasheet HTML 8Page - Linear Technology LTC3408 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC3408
3408f
■ WCDMA Cell Phone Power Amplifiers
■
Wireless Modems
WCDMA Transmitter Power Supply
, LTC and LT are registered trademarks of Linear Technology Corporation.
1.5MHz, 600mA
Synchronous Step-Down
Regulator with Bypass Transistor
■ Dynamically Adjustable Output from 0.3V to 3.5V
■ 600mA Output Current
■ Internal 0.08
Ω P-Channel MOSFET Bypass
Transistor
■ High Efficiency: Up to 96%
■ 1.5MHz Constant Frequency Operation
■ No Schottky Diode Required
■ Low Dropout Operation: 100% Duty Cycle
■ 2.5V to 5V Input Voltage Range
■ Shutdown Mode Draws < 1
µA Supply Current
■ Current Mode Operation for Excellent Line and
Load Transient Response
■ Overtemperature Protected
■ Available in 8-Lead 3mm
× 3mm DFN Package
The LTC
®3408 is a high efficiency monolithic synchro-
nous buck regulator optimized for WCDMA power ampli-
fier applications. The output voltage can be dynamically
programmed from 0.3V to 3.5V. At VOUT > 3.6V an internal
0.08
Ω bypass P-channel MOSFET connects VOUT directly
to VIN, eliminating power loss through the inductor.
The input voltage range is 2.5V to 5V making the LTC3408
ideally suited for single Li-Ion battery-powered applica-
tions. 100% duty cycle provides low dropout operation,
extending battery life in portable systems.
Switching frequency is internally set at 1.5MHz, allowing
the use of small surface mount inductors and capacitors.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode.
The LTC3408 is available in a low profile (0.75mm) 8-lead
3mm
× 3mm DFN package.
Efficiency Power Lost vs Load Current
U.S. Patent Numbers: 5481178, 6580258, 6304066, 6127815, 6498466, 6611131
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
VIN
CIN
†
10
µF
CER
VIN
2.7V
TO 5V
*
**
†
LTC3408
RUN
REF
4.7
µH*
3403 TA01
MURATA LQH32CN4R7M11
TAIYO YUDEN JMK212BJ475MG
TAIYO YUDEN JMK212BJ106MN
SW
VOUT
GND
COUT**
4.7
µF
CER
VOUT
3
× VREF
600mA
WCDMA
RF PA
OUTPUT
PROGRAMMING
DAC
LOAD CURRENT (mA)
1
0.01
0.01
0.1
1
0
20
10
60
30
70
40
80
50
90
100
10
100
1000
3408 F04
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V


Similar Part No. - LTC3408

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3408 LINER-LTC3408 Datasheet
156Kb / 12P
1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3408EDD LINER-LTC3408EDD Datasheet
156Kb / 12P
1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
More results

Similar Description - LTC3408

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3408 LINER-LTC3408 Datasheet
156Kb / 12P
1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3403 LINER-LTC3403 Datasheet
920Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
1.5MHz, 600mA Synchronous Step-Down Regulator
CM3706A CHAMP-CM3706A Datasheet
489Kb / 11P
1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Linear Technology
LTC3403 LINER-LTC3403_15 Datasheet
933Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3406AB LINER-LTC3406AB_15 Datasheet
317Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.8 LINER-LTC3406-1.8_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
1.5MHz, 600mA Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com