Electronic Components Datasheet Search
  English  ▼

X  

LTC3428 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3428
Description  4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3428 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3428 Datasheet HTML 4Page - Linear Technology LTC3428 Datasheet HTML 5Page - Linear Technology LTC3428 Datasheet HTML 6Page - Linear Technology LTC3428 Datasheet HTML 7Page - Linear Technology LTC3428 Datasheet HTML 8Page - Linear Technology LTC3428 Datasheet HTML 9Page - Linear Technology LTC3428 Datasheet HTML 10Page - Linear Technology LTC3428 Datasheet HTML 11Page - Linear Technology LTC3428 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC3428
8
3428fb
APPLICATIONS INFORMATION
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
FAX
WEBSITE
AVX
(803) 448-9411 (803) 448-1943 www.avxcorp.com
Sanyo
(619) 661-9322 (619) 661-1055 www.sanyovideo.com
TDK
(847) 803-6100 (847) 803-6296 www.component.tdk.com
Murata
(814) 237-1431 (814) 238-0490 www.murata.com
Taiyo Yuden (408) 573-4150 (408) 573-4159 www.t-yuden.com
Output Diode Selection
For high efficiency, a fast switching diode with low reverse
leakage and a low forward drop is required. Schottky diodes
are recommended for their low forward drop and fast
switching times. When selecting a diode, it is important to
remember that the average diode current in a boost
converter is equal to the average load current: ID = ILOAD
When selecting a diode, make sure that the peak forward
current and average power dissipation ratings meet
the application requirements. See Table 3 for a list of
Schottky diode manufacturers. Example diodes are Philips
PMEG1020, PMEG2010, On-Semi MBRA210, IR 10BQ015,
Microsemi UPS120E, UPS315.
Table 3. Diode Vendor Information
SUPPLIER
PHONE
FAX
WEBSITE
Philips
+31 40 27 24825
www.philips.com
Microsemi
(949) 221-7100
(949)756-0308
www.microsemi.com
On-Semi
(602) 244-6600
www.microsemi.com
International
Rectifier
(310) 469-2161
(310) 322-3332 www.irf.com
Thermal Considerations
To deliver maximum power, it is necessary to provide a
good thermal path to dissipate the heat generated within
the LTC3428’s package. The large thermal pad on the IC
underside can accomplish this requirement. Use multiple
PC board vias to conduct heat from the IC and to a copper
plane that has as much area as possible.
If the junction temperature gets too high, the LTC3428 will
stop all switching until the junction temperature drops
to safe levels. The typical over temperature threshold is
150°C.
Closing the Feedback Loop
The LTC3428 uses current mode control with internal,
adaptive slope compensation. Current mode control
eliminates the 2nd order pole in the loop response of voltage
mode converters due to the inductor and output capacitor,
simplifying it to a single pole response. The product of the
modulator control to output DC gain and the error amp
open-loop gain equals the DC gain of the system.
GG
G
V
V
G
V
I
G
DC
CONTROL
EA
REF
OUT
CONTROL
IN
OUT
EA
=
=
≈
••
•
2
100
The output filter pole is given by:
f
I
VC
Hz
POLE
OUT
OUT
OUT
=
π ••
where COUT is the output filter capacitor value. The output
filter zero is given by:
f
RC
Hz
ZERO
ESR
OUT
=
1
2• •
•
π
where RESR is the output capacitor equivalent series
resistance.
A complication of the boost converter topology is the right
half plane (RHP) zero and is given by:
f
VR
LV
Hz
RHP
IN
O
O
=
2
2
2
•
•• •
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com