Electronic Components Datasheet Search
  English  ▼

X  

LTC3429 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3429
Description  600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3429 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3429 Datasheet HTML 4Page - Linear Technology LTC3429 Datasheet HTML 5Page - Linear Technology LTC3429 Datasheet HTML 6Page - Linear Technology LTC3429 Datasheet HTML 7Page - Linear Technology LTC3429 Datasheet HTML 8Page - Linear Technology LTC3429 Datasheet HTML 9Page - Linear Technology LTC3429 Datasheet HTML 10Page - Linear Technology LTC3429 Datasheet HTML 11Page - Linear Technology LTC3429 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC3429/LTC3429B
9
3429fa
The inductor current ripple is typically set for 20% to 40%
of the maximum inductor current (IP). High frequency
ferrite core inductor materials reduce frequency
dependent power losses compared to cheaper powdered
iron types, improving efficiency. The inductor should have
low ESR (series resistance of the windings) to reduce the
I2R power losses, and must be able to handle the peak
inductor current without saturating. Molded chokes and
some chip inductors usually do not have enough core to
support the peak inductor currents of 850mA seen on the
LTC3429/LTC3429B. To minimize radiated noise, use a
toroid, pot core or shielded bobbin inductor. See Table 1
for some suggested components and suppliers.
Table 1. Recommended Inductors
MAX
L
DCR
HEIGHT
PART
(µH)
mΩ
(mm)
VENDOR
CDRH5D18-4R1
4.1
57
2.0
Sumida
CDRH5D18-100
10
124
2.0
www.sumida.com
CDRH3D16-4R7
4.7
105
1.8
CDRH3D16-6R8
170
1.8
CR43-4R7
4.7
109
3.5
CR43-100
10
182
3.5
CMD4D06-4R7MC
4.7
216
0.8
CMD4D06-3R3MC
3.3
174
0.8
DS1608-472
4.7
60
2.9
Coilcraft
DS1608-103
10
75
2.9
www.coilcraft.com
DO1608C-472
4.7
90
2.9
D52LC-4R7M
4.7
84
2.0
Toko
D52LC-100M
10
137
2.0
www.tokoam.com
LQH32CN4R7M24
4.7
195
2.2
Murata
www.murata.com
Output and Input Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used to minimize the output voltage ripple. Multilayer
ceramic capacitors are an excellent choice as they have
extremely low ESR and are available in small footprints. A
4.7µF to 15µF output capacitor is sufficient for most
applications. Larger values up to 22µF may be used to
obtain extremely low output voltage ripple and improve
transient response. An additional phase lead capacitor
may be required with output capacitors larger than 10µF
to maintain acceptable phase margin. X5R and X7R
dielectric materials are preferred for their ability to main-
tain capacitance over wide voltage and temperature ranges.
Low ESR input capacitors reduce input switching noise
and reduce the peak current drawn from the battery. It
follows that ceramic capacitors are also a good choice for
input decoupling and should be located as close as pos-
sible to the device. A 10µF input capacitor is sufficient for
virtually any application. Larger values may be used with-
out limitations. Table 2 shows a list of several ceramic
capacitor manufacturers. Consult the manufacturers di-
rectly for detailed information on their entire selection of
ceramic capacitors.
Table 2. Capacitor Vendor Information
SUPPLIER
WEBSITE
AVX
www.avxcorp.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com