Electronic Components Datasheet Search
  English  ▼

X  

LTC3429B Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3429B
Description  600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3429B Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3429B Datasheet HTML 4Page - Linear Technology LTC3429B Datasheet HTML 5Page - Linear Technology LTC3429B Datasheet HTML 6Page - Linear Technology LTC3429B Datasheet HTML 7Page - Linear Technology LTC3429B Datasheet HTML 8Page - Linear Technology LTC3429B Datasheet HTML 9Page - Linear Technology LTC3429B Datasheet HTML 10Page - Linear Technology LTC3429B Datasheet HTML 11Page - Linear Technology LTC3429B Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC3429/LTC3429B
8
3429fa
APPLICATIO S I FOR ATIO
is achieved by terminating the switching of the synchro-
nous PMOS and applying VIN statically on its gate. This
ensures that the slope of the inductor current will reverse
during the time current is flowing to the output. Since the
PMOS no longer acts as a low impedance switch in this
mode, there will be more power dissipation within the IC.
This will cause a sharp drop in the efficiency (see Typical
Performance Characteristics, Efficiency vs VIN). The maxi-
mum output current should be limited in order to maintain
an acceptable junction temperature.
OPERATIO
PCB LAYOUT GUIDELINES
The high speed operation of the LTC3429/LTC3429B
demands careful attention to board layout. You will not get
advertised performance with careless layout. Figure 2
shows the recommended component placement. A large
ground pin copper area will help to lower the chip tempera-
ture. A multilayer board with a separate ground plane is
ideal, but not absolutely necessary.
inductor ripple current. Increasing the inductance above
10µH will increase size while providing little improvement
in output current capability.
The approximate output current capability of the LTC3429
versus inductance value is given in the equation below and
illustrated graphically in Figure 3.
II
VD
fL
D
OUT MAX
P
IN
()
•–
•
••
•–
=
⎛
⎝
⎜
⎞
⎠
⎟
()
η
2
1
where:
η = estimated efficiency
IP = peak current limit value (0.6A)
VIN = input (battery) voltage
D = steady-state duty ratio = (VOUT – VIN)/VOUT
f = switching frequency (500kHz typical)
L = inductance value
INDUCTANCE (µH)
3
120
160
200
19
3429 F03
80
40
100
140
180
60
20
0
7
5
11
9
15 17
21
13
23
VIN = 1.2V
VOUT = 3.3V
VOUT = 5V
Figure 3. Maximum Output Current vs
Inductance Based on 90% Efficiency
SW
GND
FB
1
2
3
6
5
4
VIN
VOUT
SHDN
SHDN
3429 F02
VOUT
VIN
RECOMMENDED COMPONENT PLACEMENT. TRACES
CARRYING HIGH CURRENT ARE DIRECT. TRACE AREA AT
FB PIN IS SMALL. LEAD LENGTH TO BATTERY IS SHORT
Figure 2. Recommended Component Placement
for Single Layer Board
COMPONENT SELECTION
Inductor Selection
The LTC3429/LTC3429B can utilize small surface mount
and chip inductors due to its fast 500kHz switching
frequency. Typically, a 4.7µH inductor is recommended
for most applications. Larger values of inductance will
allow greater output current capability by reducing the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com