Electronic Components Datasheet Search
  English  ▼

X  

UPD6326C Datasheet(PDF) 12 Page - NEC

Part # UPD6326C
Description  QUAD/OCTAL 6BIT D/A CONVERTER CMOS LSI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6326C Datasheet(HTML) 12 Page - NEC

Back Button UPD6326C Datasheet HTML 8Page - NEC UPD6326C Datasheet HTML 9Page - NEC UPD6326C Datasheet HTML 10Page - NEC UPD6326C Datasheet HTML 11Page - NEC UPD6326C Datasheet HTML 12Page - NEC UPD6326C Datasheet HTML 13Page - NEC UPD6326C Datasheet HTML 14Page - NEC UPD6326C Datasheet HTML 15Page - NEC UPD6326C Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
µPD6325, µPD6326, µPD6335, µPD6336
12
16PIN PLASTIC DIP (300 mil)
P16C-100-300A,C-1
ITEM
MILLIMETERS
INCHES
NOTES
1) Each lead centerline is located within 0.25 mm (0.01 inch) of
its true position (T.P.) at maximum material condition.
A
B
1.27 MAX.
20.32 MAX.
0.800 MAX.
0.050 MAX.
C
2.54 (T.P.)
0.100 (T.P.)
N
0.25
0.01
P
R
0~15
°
1.0 MIN.
0.039 MIN.
0~15
°
2) Item "K" to center of leads when formed parallel.
M
0.25
0.010 +0.004
–0.003
F
1.2 MIN.
0.047 MIN.
G
H
0.51 MIN.
3.5±0.3
0.138±0.012
0.020 MIN.
I
4.31 MAX.
0.170 MAX.
J
K
7.62 (T.P.)
5.08 MAX.
0.200 MAX.
0.300 (T.P.)
L
6.4
0.252
+0.10
–0.05
M
R
M
I
G
H
F
B
N
C
D
D
0.50±0.10
0.020+0.004
–0.005
P
16
9
18
A
J
K
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com