Electronic Components Datasheet Search
  English  ▼

X  

LTC3670 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3670
Description  Monolithic 400mA Buck Regulator with Dual 150mA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3670 Datasheet(HTML) 3 Page - Linear Technology

  LTC3670 Datasheet HTML 1Page - Linear Technology LTC3670 Datasheet HTML 2Page - Linear Technology LTC3670 Datasheet HTML 3Page - Linear Technology LTC3670 Datasheet HTML 4Page - Linear Technology LTC3670 Datasheet HTML 5Page - Linear Technology LTC3670 Datasheet HTML 6Page - Linear Technology LTC3670 Datasheet HTML 7Page - Linear Technology LTC3670 Datasheet HTML 8Page - Linear Technology LTC3670 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3670
3
3670f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperatures will exceed 125°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
Note 3: The LTC3670 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 4: Dynamic supply current is higher due to the gate charge delivered
to the buck regulator’s internal MOSFET switches at the switching
frequency.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Synchronous Buck Regulator
fOSC
Oscillator Frequency
1.91
2.25
2.59
MHz
VBUCKFB
Buck Regulated Feedback Voltage
l
0.78
0.8
0.82
V
IBUCKFB
Feedback Pin Input Bias Current
l
±20
nA
IMAXP
PMOS Switch Maximum Peak Current (Note 6)
600
800
1100
mA
RP(BUCK)
PMOS Switch On-Resistance
0.6
Ω
RN(BUCK)
NMOS Switch On-Resistance
0.7
Ω
RPD(BUCK)
SW Pin Pull-Down Resistance in Shutdown
10
kΩ
tSS(BUCK)
Soft-Start Time
0.6
ms
Each LDO Regulator
VLDO
LDO Regulated Feedback Voltage
LDO Output, ILDO = 1mA to 150mA
l
0.78
0.8
0.82
V
LDO Line Regulation (Note 7)
ILDO = 1mA, VIN = 2.5V to 5.5V
0.25
mV/V
LDO Load Regulation (Note 7)
ILDO = 1mA to 150mA
–5
μV/mA
ILDO_FB
Feedback Pin Input Bias Current
l
±20
nA
Short-Circuit Output Current (Note 6)
420
mA
VDROP
Dropout Voltage (Note 8)
ILDO = 150mA
VIN = 3.6V
VIN = 2.5V
150
200
200
300
mV
mV
tSS(LDO)
Soft-Start Time
0.1
ms
RPD(LDO)
Output Pull-Down Resistance in Shutdown
10
kΩ
Note 5: PGOOD threshold is expressed as a percentage of the feedback
regulation voltage. The threshold is measured for the feedback pin voltage
rising.
Note 6: The current limit features are intended to protect the IC from
short term or intermittent fault conditions. Prolonged operation above
the specified Absolute Maximum pin current rating may result in device
degradation or failure.
Note 7: Measured with the LDO running unity gain, with output tied to
feedback pin.
Note 8: Dropout voltage is the minimum input to output voltage differential
needed for an LDO to maintain regulation at a specified output current.
When an LDO is in dropout, its output voltage will be equal to:
VIN – VDROP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com