Electronic Components Datasheet Search
  English  ▼

X  

LTC4255 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4255
Description  Quad Network Power Controller with IC Compatible Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4255 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4255 Datasheet HTML 8Page - Linear Technology LTC4255 Datasheet HTML 9Page - Linear Technology LTC4255 Datasheet HTML 10Page - Linear Technology LTC4255 Datasheet HTML 11Page - Linear Technology LTC4255 Datasheet HTML 12Page - Linear Technology LTC4255 Datasheet HTML 13Page - Linear Technology LTC4255 Datasheet HTML 14Page - Linear Technology LTC4255 Datasheet HTML 15Page - Linear Technology LTC4255 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC4255
12
4255f
open-circuit fault status bit (D4) will be set (point E). The
FAULT pin will pull low to generate an interrupt to the
processor which can then read the status register to
determine which channel faulted.
When the fault clear bit (B0) is set during a write cycle via
the 2-wire interface (point F), the FAULT pin goes into a
high impendance state, the open-circuit fault status bit
(D4) is cleared, and the channel is allowed to turn back on
if the relay 1 enable (A4) and switch 1 (AO) enable bits are
set (point G.)
The channel is always turned off after an open-circuit fault
detection and not allowed to automatically restart.
Power-Up with No Load
When a channel powers-up with no load, the initial
sequence is the same as the normal case. When the VOUT1
voltage is within the power good threshold, the Power_OK
bit is set (point D, Figure 10) and the open-circuit enable
delay timer started. The duration of the timer can be
programmed via bits B6-B7.
When the open-circuit enable timer expires (tOCD, point E),
the open-circuit detector is enabled if the global open-
circuit detect enable bit (B2) has been set. When the
voltage across the sense resistor is less than 3mV(typ) for
at least 18ms (tOCF), the FET will be turned off, and the
Figure 10. Power-Up Sequence with No Load on Channel 1
APPLICATIO S I FOR ATIO
4255 F10
BO
ACK
AO
ACK
STOP BIT
SCL
SDA
SHORT-CIRCUIT STATUS
(D0)
OPEN-CIRCUIT STATUS
(D4)
POWER_OK
(C0)
FAULT
RELAY1
GATE1
OUT1
AB
C
D
E
F
G
H
FET TURNS ON
POWER OK
POWER OK
tOD
tOCD
OPEN CIRCUIT
TIMER EXPIRES
OPEN CIRCUIT
DETECTED
FAULT CLEARED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com