Electronic Components Datasheet Search
  English  ▼

X  

LTC4301 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4301
Description  Supply Independent Hot Swappable 2-Wire Bus Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4301 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4301 Datasheet HTML 4Page - Linear Technology LTC4301 Datasheet HTML 5Page - Linear Technology LTC4301 Datasheet HTML 6Page - Linear Technology LTC4301 Datasheet HTML 7Page - Linear Technology LTC4301 Datasheet HTML 8Page - Linear Technology LTC4301 Datasheet HTML 9Page - Linear Technology LTC4301 Datasheet HTML 10Page - Linear Technology LTC4301 Datasheet HTML 11Page - Linear Technology LTC4301 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC4301
4301fb
APPLICATIO S I FOR ATIO
they make contact. CS is a short pin that is pulled up when
not connected. This is to ensure that the connection
between the backplane and the cards data and clock
busses is not enabled until the transients associated with
live insertion have settled.
Figure 4 shows the LTC4301 in a CompactPCI
TM configu-
ration. The LTC4301 receives its VCC voltage from one of
the long “early power” pins. Because this power is not
switched, add a 5
Ω to 10Ω resistor between VCC of the
LTC4301 and the connector VCC pin. Establishing early
power VCC ensures that the 1V precharge voltage is
present at SDAIN and SCLIN before they make contact.
The CS pin is driven by the CompactPCI’s BD_SEL# pin
using a short pin. This is to ensure that a connection is not
enabled until the transients associated with live insertion
have settled.
Figure 5 shows the LTC4301 in a PCI application where all
of the pins have the same length. In this case, an RC filter
circuit on the I/O card with a product of 10ms provides a
R13
10k
R12
10k
R14
10k
I/O PERIPHERAL CARD N
SDAIN
SCLIN
LTC4301
VCC
GND
CARDN_SCL
CARDN_SDA
SDAOUT
SCLOUT
READY
SDAIN
SCLIN
VCC
GND
SDAOUT
SCLOUT
READY
CS
SDAIN
SCLIN
VCC
GND
SDAOUT
SCLOUT
READY
4301 F03
R9
10k
R8
10k
R10
10k
I/O PERIPHERAL CARD 2
LTC4301
CARD2_SCL
CARD2_SDA
R5
10k
R4
10k
R6
10k
I/O PERIPHERAL CARD 1
LTC4301
CARD_SCL
CARD_SDA
R1
10k
VCC
VCC2
R2
10k
BACKPLANE
BACKPLANE
CONNECTOR
SDA
BD_SEL
SCL
0.01
µF
R3
10k
5.1
Ω
5.1
Ω
5.1
Ω
R7
10k
R11
10k
0.01
µF
0.01
µF
CS
CS
Figure 4. Inserting Multiple I/O Cards into a Live Backplane Using the LTC4301 in a CompactPCI System
CompactPCI is a trademark of the PCI Industrial Computer Manufacturers Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com