Electronic Components Datasheet Search
  English  ▼

X  

UPD6464A Datasheet(PDF) 21 Page - NEC

Part # UPD6464A
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6464A Datasheet(HTML) 21 Page - NEC

Back Button UPD6464A Datasheet HTML 17Page - NEC UPD6464A Datasheet HTML 18Page - NEC UPD6464A Datasheet HTML 19Page - NEC UPD6464A Datasheet HTML 20Page - NEC UPD6464A Datasheet HTML 21Page - NEC UPD6464A Datasheet HTML 22Page - NEC UPD6464A Datasheet HTML 23Page - NEC UPD6464A Datasheet HTML 24Page - NEC UPD6464A Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
µPD6464A,6465
21
2.11
Character Size Control Command
This command can set the character size in line units (in both the horizontal and vertical directions).
Because this is a 2-byte command, it must be input in 16-bit units even when successively input.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1001
1
0
0
0
0
S0
0
0
AR3
AR2
AR1
AR0
Line specification control bits
AR3
AR2
AR1
AR0
00
0
0
00
0
1
10
1
1
Function
Sets line 0
Sets line 1
Sets line 11
Setting Prohibited
Character size control bit
S0
0
1
Function
Vertical 1 dot: 1H, horizontal 1 dot: 1t dot (minimum size)
Vertical 1 dot: 2H, horizontal 1 dot: 2t dots
•
Line specification control bits
These bits specify the character size in line units, and control which line is to be specified.
•
Character size control bit
This bit selects the character size in two steps.
Display with two character size specified
Example of display screen
Line 0: minimum size (vertical 18H/horizontal 12 dots)
Line 1: 2 times
(vertical 36H/horizontal 24 dots)
Line 2: minimum size
External video signal, etc.
Line 3: 2 times
Line 4: minimum size
Line 5: 2 times
Line 6: 2 times
Line 7: minimum size
Lines 8 to 11 are omitted
because they overflow from the screen.
The size in the vertical direction (the number of horizontal scanning lines) is the size in field units.
1t dot =
µs
fOSC: LC oscillation frequency
1
fOSC (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com