Electronic Components Datasheet Search
  English  ▼

X  

KTC1804D Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTC1804D
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC1804D Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTC1804D Datasheet HTML 1Page - KEC(Korea Electronics) KTC1804D Datasheet HTML 2Page - KEC(Korea Electronics) KTC1804D Datasheet HTML 3Page - KEC(Korea Electronics) KTC1804D Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2003. 3. 27
3/4
KTC1804D/L
Revision No : 2
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I - V
0.4
0.8
1.2
1.6
2.0
2
4
6
8
10
40mA
50mA
60mA
70mA
80mA
90mA
100mA
30mA
20mA
10mA
I =0mA
B
0
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I - V
0.2
0.4
0.6
1.2
0.8
1.0
1
2
3
4
5
7
6
8
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I - V
24
6
8
10
1
2
3
4
5
20mA
25mA
30mA
15mA
10mA
5mA
I =0mA
B
COLLECTOR CURRENT I
(mA)
C
h - I
FE
C
10
30
50
100
300
500
1k
Ta=-25 C
V =2V
CE
V =2V
CE
V =5V
CE
Ta=75 C
Ta=25 C
1
COLLECTOR-BASE VOLTAGE V
(V)
CB
C - V
ob
CB
3
5
10
30 50
100
f=1MHz
0.01
0.03
0.1
0.3
1
3
10 20
f - I
C
COLLECTOR CURRENT I (mA)
TC
10
30
50
100
300
500
10
30
50
100
300
500
0.02 0.05 0.1
0.3 0.5
1
3 5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com