Electronic Components Datasheet Search
  English  ▼

X  

LTC4402-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4402-2
Description  Multiband RF Power Controllers for EDGE/TDMA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4402-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC4402-2 Datasheet HTML 1Page - Linear Technology LTC4402-2 Datasheet HTML 2Page - Linear Technology LTC4402-2 Datasheet HTML 3Page - Linear Technology LTC4402-2 Datasheet HTML 4Page - Linear Technology LTC4402-2 Datasheet HTML 5Page - Linear Technology LTC4402-2 Datasheet HTML 6Page - Linear Technology LTC4402-2 Datasheet HTML 7Page - Linear Technology LTC4402-2 Datasheet HTML 8Page - Linear Technology LTC4402-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC4402-1/LTC4402-2
4402f
APPLICATIONS INFORMATION
Operation
The LTC4402-1/-2 single/dual band RF power controller
integrates several functions to provide RF power control
over frequencies ranging from 300MHz to 2.4GHz. These
functions include an internally compensated amplifier to
control the RF output power, an autozero section to cancel
internal and external voltage offsets, an RF Schottky diode
peak detector and amplifier to convert the RF feedback
signal to DC, a multiplexer to switch the controller output
to either VPCA or VPCB, a VPCA/B overvoltage clamp, com-
pression and a bandgap reference.
Band Selection
The LTC4402-2 is designed for multiband operation. The
BSEL pin will select output VPCA when low and output
VPCB when high. For example, VPCA could be used to drive
an 850MHz/900MHz channel and VPCB a 1.8GHz/1.9GHz
channel. BSEL must be established before the part is
enabled. The LTC4402-1 can be used to drive a single RF
channel or dual channel with integral multiplexer.
Control Amplifier
The control amplifier supplies the power control voltage to
the RF power amplifier. A portion (typically – 19dB for low
frequencies and –14dB for high frequencies) of the RF
output voltage is coupled into the RF pin, to close the gain
control loop. When a DAC voltage is applied to PCTL, the
amplifier quickly servos VPCA or VPCB positive until the
detected feedback voltage applied to the RF pin matches
the voltage at PCTL. This feedback loop provides accurate
RF power control. VPCA or VPCB are capable of driving a
6mA load current and 100pF load capacitor.
RF Detector
The internal RF Schottky diode peak detector and ampli-
fier convert the coupled RF feedback voltage to a low
frequency voltage. This voltage is compared to the DAC
voltage at the PCTL pin by the control amplifier to close
the RF power control loop. The RF pin input resistance is
typically 250
Ω and the frequency range of this pin is
300MHz to 2400MHz. The detector demonstrates excel-
lent efficiency and linearity over a wide range of input
power. The Schottky detector is biased at about 60
µA and
drives an on-chip peak detector capacitor of 28pF.
Autozero
An autozero system is included to improve power pro-
gramming accuracy over temperature. This section can-
cels internal offsets associated with the Schottky diode
detector and control amplifier. External offsets associated
with the DAC driving the PCTL pin are also cancelled.
Offset drift due to temperature is cancelled between each
burst. The maximum offset allowed at the DAC output is
limited to 400mV. Autozeroing is performed after SHDN
is asserted high. An internal delay of typically 9
µs enables
the VPCA/B output after the autozero has settled. When the
part is enabled, the autozero capacitors are held and the
VPCA or VPCB pin is connected to the buffer amplifier
output. The hold droop voltage of typically < 1
µV/ms
provides for accurate offset cancellation.
Filter
There is a 270kHz filter included in the PCTL path. This
filter is trimmed at test.
Modes of Operation
Shutdown: The part is in shutdown mode when SHDN is
low. VPCA and VPCB are held at ground and the power
supply current is typically 10
µA.
Enable: When SHDN is asserted high the part will auto-
matically calibrate out all offsets. This takes about 9
µs and
is controlled by an internal delay circuit. After 9
µs VPCA or
VPCB will step up to the starting voltage of 450mV. The
user can then apply the ramp signal. The user should wait
at least 11
µs after SHDN has been asserted high before
applying the ramp. The DAC should be settled 2
µs after
asserting SHDN high.
Hold: When the VHOLD pin is low, the RF power control
feedback loop is closed and the LTC4402-X servos the
VPCA/VPCB pins according to the voltages at the PCTL and
RF inputs. When the VHOLD pin is asserted high, the RF
power control feedback loop is opened and the power
control voltage at VPCA or VCPB is held at its present level.
Generally, the VHOLD pin is asserted high after the power
up ramp has been completed and the desired RF output
power has been achieved. The power control voltage is
then held at a constant voltage during the EDGE modula-
tion time. After the EDGE modulation is completed and
prior to power ramping down, the VHOLD pin is set low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com