Electronic Components Datasheet Search
  English  ▼

X  

SRCOMBO Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCOMBO
Description  SmartRack Door Handles with Combination Lock - 2-pack for front and rear doors with bypass key
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCOMBO Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCOMBO Datasheet HTML 1Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SmartRack Door Handles with Combination Lock -
2-pack for front and rear doors with bypass key
MODEL NUMBER: SRCOMBO
Description
This replacement combo handle allows facility managers to closely guard access to specific cabinets. Combos can be easily changed when access
requirements change but retains a key override for management.
Features
This replacement combo handle allows facility managers to closely guard access to specific cabinets
Combos can be easily changed when access requirements change but retains a key override for management
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
1 x 4 x 4
Shipping Dimensions (hwd / cm)
2.54 x 10.16 x 10.16
Shipping Weight (lbs.)
.5
Shipping Weight (kg)
0.23
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
Highlights
Two piece replacement combo
locks for SmartRack Enclosures
Three digit combo
Key override
Package Includes
2pc combo handles
all mounting hardware
detailed installation instructions
as well as lock user manual (for
changing combos)
1 / 1


Similar Part No. - SRCOMBO

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCOLOKIT42U TRIPPLITE-SRCOLOKIT42U Datasheet
511Kb / 1P
Colocation Kit for 42U Rack Enclosures
SRCOLOKIT48U TRIPPLITE-SRCOLOKIT48U Datasheet
513Kb / 1P
Colocation Kit for 48U Rack Enclosures
SRCOOL12K TRIPPLITE-SRCOOL12K Datasheet
127Kb / 3P
Portable Air Conditioning Unit for IT Equipment in Server Rooms and Wiring Closets
SRCOOL24K TRIPPLITE-SRCOOL24K Datasheet
168Kb / 3P
Portable AC Unit for Server Rooms - 24,000 BTU, 208/240V
SRCOOL2KWM TRIPPLITE-SRCOOL2KWM Datasheet
171Kb / 4P
SmartRack Wall-Mount Server Rack Cooling Unit - 2,000 BTU, 120V
More results

Similar Description - SRCOMBO

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
Door, lock & key
logo
Tripp Lite. All Rights ...
SR42UBDP TRIPPLITE-SR42UBDP Datasheet
518Kb / 3P
42U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR45UBDP TRIPPLITE-SR45UBDP Datasheet
519Kb / 3P
45U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR48UBDPWD TRIPPLITE-SR48UBDPWD Datasheet
521Kb / 3P
48U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
SRSWITCH TRIPPLITE-SRSWITCH Datasheet
469Kb / 1P
SmartRack Magnetic Door Switch Kit for front and rear doors; requires ENVIROSENSE
SRHANDLE1 TRIPPLITE-SRHANDLE1 Datasheet
171Kb / 2P
Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 1
SRHANDLE2 TRIPPLITE-SRHANDLE2 Datasheet
171Kb / 2P
Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 2
SRHANDLE3 TRIPPLITE-SRHANDLE3 Datasheet
171Kb / 2P
Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 3
SRHANDLE4 TRIPPLITE-SRHANDLE4 Datasheet
171Kb / 2P
Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 4
SRWCOMBO TRIPPLITE-SRWCOMBO Datasheet
175Kb / 2P
Replacement Combination Lock for SmartRack Wall-Mount Server Rack Cabinets - Front Door
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com