Electronic Components Datasheet Search
  English  ▼

X  

KTC2020L Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC2020L
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DPAK FOR SVRFACE MOUNT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC2020L Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC2020L Datasheet HTML 1Page - KEC(Korea Electronics) KTC2020L Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 3. 27
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTC2020D/L
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 5
GENERAL PURPOSE APPLICATION.
DPAK FOR SVRFACE MOUNT APPLICATIONS.
FEATURES
Low Collector Saturation Voltage
: VCE(sat)=1.0V(Max.) at IC=2A, IB=0.2A.
Straight Lead (IPAK, "L" Suffix)
Complementary to KTA1040D/L.
MAXIMUM RATING (Ta=25 )
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.5 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. BASE
2. COLLECTOR
3. EMITTER
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
7
V
Collector Current
IC
3
A
Base Current
IB
0.5
A
Collector Power
Dissipation
Ta=25
PC
1.0
W
Tc=25
20
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Note : hFE Classification
Y:100~200, GR:150~300.
DIM
MILLIMETERS
IPAK
H
F
F
C
A
P
L
I
J
123
A
B
C
D
E
F
G
H
I
J
L
P
Q
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
9.50 0.6
2.30 0.1
0.76 0.1
1.0 MAX
2.30 0.2
0.5 0.1
0.50 0.1
1.0 0.1
0.90 MAX
G
1. BASE
2. COLLECTOR
3. EMITTER
K
2.0 0.2
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=60V, IE=0
-
-
100
A
Emitter Cut-off Current
IEBO
VEB=7V, IC=0
-
-
100
A
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=50mA, IB=0
60
-
-
V
DC Current Gain
hFE (Note)
VCE=5V, IC=0.5A
100
-
300
-
Collector Emitter Saturation Voltage
VCE(sat)
IC=2A, IB=0.2A
-
0.5
1.0
V
Base-Emitter Voltage
VBE
VCE=5V, IC=0.5A
-
0.7
1.0
V
Transition Frequency
fT
VCE=5V, IC=0.5A
-
30
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
35
-
pF
Switching Time
Turn-on Time
ton
-
0.65
-
S
Storage Time
tstg
-
1.3
-
Fall Time
tf
-
0.65
-
IB1
15Ω
B1
I
CC
V =30V
IB2
IB2
20µsec
I =-I =0.2A
1%
B1
B2
OUTPUT
DUTY CYCLE
INPUT
<=


Similar Part No. - KTC2020L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
KTC2020L ISC-KTC2020L Datasheet
300Kb / 2P
Silicon NPN Power Transistor
logo
KEC(Korea Electronics)
KTC2020L KEC-KTC2020L_15 Datasheet
676Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTC2020L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1040D KEC-KTA1040D Datasheet
400Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, DPAK FOR SVRFACE MOUNT)
logo
Cystech Electonics Corp...
BTC945A3 CYSTEKEC-BTC945A3 Datasheet
180Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
BTC9013A3 CYSTEKEC-BTC9013A3 Datasheet
326Kb / 8P
General Purpose NPN Epitaxial Planar Transistor
BTN13003T3 CYSTEKEC-BTN13003T3 Datasheet
263Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
MJE13003D3 CYSTEKEC-MJE13003D3 Datasheet
237Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BC857N3 CYSTEKEC-BC857N3 Datasheet
346Kb / 8P
General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com