Electronic Components Datasheet Search
  English  ▼

X  

KTC2026 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC2026
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC2026 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC2026 Datasheet HTML 1Page - KEC(Korea Electronics) KTC2026 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - KTC2026

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
KTC2026 FOSHAN-KTC2026 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
logo
Jiangsu Changjiang Elec...
KTC2026 JIANGSU-KTC2026 Datasheet
903Kb / 3P
TO-220-3L Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
KTC2026 SECOS-KTC2026 Datasheet
399Kb / 2P
3A , 60V P Plastic-Encapsulated Transistor
logo
Guangdong Kexin Industr...
KTC2026-G KEXIN-KTC2026-G Datasheet
1Mb / 2P
NPN Transistors
KTC2026-Y KEXIN-KTC2026-Y Datasheet
1Mb / 2P
NPN Transistors
More results

Similar Description - KTC2026

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTC945A3 CYSTEKEC-BTC945A3 Datasheet
180Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BTC3906N3 CYSTEKEC-BTC3906N3 Datasheet
176Kb / 4P
General Purpose NPN Epitaxial Planar Transistor
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
BTC9013A3 CYSTEKEC-BTC9013A3 Datasheet
326Kb / 8P
General Purpose NPN Epitaxial Planar Transistor
BTN13003T3 CYSTEKEC-BTN13003T3 Datasheet
263Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
MJE13003D3 CYSTEKEC-MJE13003D3 Datasheet
237Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BC857N3 CYSTEKEC-BC857N3 Datasheet
346Kb / 8P
General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com