Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4449
Description  High Speed Synchronous N-Channel MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 6Page - Linear Technology LTC4449 Datasheet HTML 7Page - Linear Technology LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology LTC4449 Datasheet HTML 10Page - Linear Technology LTC4449 Datasheet HTML 11Page - Linear Technology LTC4449 Datasheet HTML 12Page - Linear Technology LTC4449 Datasheet HTML 13Page - Linear Technology LTC4449 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LTC4449
12
4449fa
PACKAGE DESCRIPTION
3.00 0.10
(2 SIDES)
2.00 0.10
(2 SIDES)
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
0.40
0.10
BOTTOM VIEW—EXPOSED PAD
0.75 0.05
R = 0.115
TYP
R = 0.05
TYP
1.35 REF
1
4
8
5
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DCB8) DFN 0106 REV A
0.23
0.05
0.45 BSC
PIN 1 NOTCH
R = 0.20 OR 0.25
45 CHAMFER
1.35 0.10
1.65
0.10
0.25
0.05
1.35 REF
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
2.10 0.05
0.70 0.05
3.50 0.05
PACKAGE
OUTLINE
0.45 BSC
1.35 0.05
1.65
0.05
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
DCB Package
8-Lead Plastic DFN (2mm × 3mm)
(Reference LTC DWG # 05-08-1718 Rev A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com