Electronic Components Datasheet Search
  English  ▼

X  

KTC2815D Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC2815D
Description  EPITAXIAL PLANAR NPN TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC2815D Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC2815D Datasheet HTML 1Page - KEC(Korea Electronics) KTC2815D Datasheet HTML 2Page - KEC(Korea Electronics) KTC2815D Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2003. 3. 27
2/3
KTC2815D/L
Revision No : 3
0
0
COLLECTOR CURRENT I
(A)
C
C
CE
V - I
h - I
C
COLLECTOR CURRENT I (A)
0.01
0.03
0.1
0.3
0.01
0.01
COLLECTOR CURRENT I (A)
0.03
1
2
C
V
- I
0
COLLECTOR CURRENT I (A)
C
0
V - I
CE
C
30
1.2
BASE CURRENT
B
STATIC CHARACTERISTICS
COLLECTOR CURRENT I (A)
0
C
0
V
- I
CE
C
20 10
0
2
4
6
8
10
0.8
0.4
0
0.4
0.8
1.2
1.6
2.0
2.4
I (mA)
VOLTAGE V
(V)
COLLECTOR-EMITTER
CE
COMMON
EMITTER
Ta=25 C
25 20
18
15
12
10
8
6
4
0
I =2mA
B
0.4
0.8
1.2
1.6
2.0
2.4
0.2
0.4
0.6
0.8
1.0
COMMON
EMITTER
Ta=25 C
30
40
0.4
0.8
1.2
1.6
2.0
2.4
0.2
0.4
0.6
0.8
1.0
COMMON
EMITTER
Ta=100 C
30
40
0.4
0.8
1.2
1.6
2.0
2.4
0.2
0.4
0.6
0.8
1.0
COMMON
EMITTER
Ta=-55 C
40
50
FE
C
12
10
30
50
100
300
COMMON EMITTER
V =2V
CE
Ta=100 C
Ta=25 C
Ta=-55 C
CE(sat)
C
0.1
0.3
0.03
0.05
0.1
0.3
0.5
1
COMMON EMITTER
I /I =20
C B
Ta=100 C
Ta=25 C
Ta=-55 C
V =2V
CE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com