Electronic Components Datasheet Search
  English  ▼

X  

AN2278 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2278
Description  Temperature sensor application using ST LM135
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2278 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2278 Datasheet HTML 1Page - STMicroelectronics AN2278 Datasheet HTML 2Page - STMicroelectronics AN2278 Datasheet HTML 3Page - STMicroelectronics AN2278 Datasheet HTML 4Page - STMicroelectronics AN2278 Datasheet HTML 5Page - STMicroelectronics AN2278 Datasheet HTML 6Page - STMicroelectronics AN2278 Datasheet HTML 7Page - STMicroelectronics AN2278 Datasheet HTML 8Page - STMicroelectronics AN2278 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
September 2007
Rev 3
1/9
AN2278
Application note
Temperature sensor application
using ST LM135
Introduction
This application note describes how to develop a temperature sensor application using the
ST LM135 temperature sensor. Application development was done on a Raisonance REva
board. The Raisonance REva board is a universal board with several useful features for
application development. It has been designed for quick and easy evaluation of a wide range
of microcontrollers. This application uses the ST72325 microcontroller, which is interfaced to
REva using a daughter board.
The main components required for the development of this application are:
■ ST LM135 temperature sensor
■ ST72325 microcontroller
■ ST24C02 I2C EEPROM
■ ST3232 communication interface
Some of the useful features of the REva board are:
■ Digital and analog I/O evaluation features including on-board LEDs, buttons, switches,
external analog connector, temperature sensor and potentiometer
■ On-board I2C EEPROM and bus extension connector
■ On-board RS232 driver and DB9 connector
■ SPI, CAN and USB connections (depending on the target device)
■ Embedded RLink for in-circuit debugging and in-circuit programming VDD settings for
1.8 V, 3.3 V, 5 V microcontrollers
■ USB powered, no external power required
Section 1 highlights the important features of the LM135 sensor and explains the
temperature calculation used in the application. Section 2 explains the temperature sensor
management and Section 3 focusses on explaining the application flow. Section 4 gives an
overview of the hardware setup required to implement the application.
www.st.com


Similar Part No. - AN2278

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2271 STMICROELECTRONICS-AN2271 Datasheet
65Kb / 8P
Ekey-Udisk solution
05-Dec-2005
More results

Similar Description - AN2278

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Texas Instruments
LM135 TI1-LM135 Datasheet
1Mb / 24P
LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
logo
STMicroelectronics
AN2078 STMICROELECTRONICS-AN2078 Datasheet
155Kb / 13P
STR7 In-Application Programming using UART
12-Jan-2007
AN2475 STMICROELECTRONICS-AN2475 Datasheet
1Mb / 37P
STR91xFAxxx in-application programming using UART
01-Sep-2008
AN3397 STMICROELECTRONICS-AN3397 Datasheet
434Kb / 24P
Temperature sensor example using the STM8L-DISCOVERY board
12-Oct-2012
AN4125 STMICROELECTRONICS-AN4125 Datasheet
397Kb / 15P
ST has published various supporting application
15-Jun-2012
logo
TDK Electronics
C1005NP01H470J050BA TDK-C1005NP01H470J050BA Datasheet
130Kb / 1P
High Temperature Application
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com