Electronic Components Datasheet Search
  English  ▼

X  

AN2419 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2419
Description  STR75x hardware development getting started
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2419 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2419 Datasheet HTML 10Page - STMicroelectronics AN2419 Datasheet HTML 11Page - STMicroelectronics AN2419 Datasheet HTML 12Page - STMicroelectronics AN2419 Datasheet HTML 13Page - STMicroelectronics AN2419 Datasheet HTML 14Page - STMicroelectronics AN2419 Datasheet HTML 15Page - STMicroelectronics AN2419 Datasheet HTML 16Page - STMicroelectronics AN2419 Datasheet HTML 17Page - STMicroelectronics AN2419 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Boot configuration
AN2419
14/22
3
Boot configuration
In the STR750, 4 different boot modes can be selected by means of the BOOT[1:0] pins as
shown in Table 2.
Figure 11.
Boot mode selection implementation example
This aliases the physical memory associated with each boot mode to Block 000 (boot
memory).The value of the BOOT pin is latched on the 4th rising edge of CK_SYS after
Reset.
It is up to the user to manage the BOOT1 and BOOT0 pins at reset release to select the
required boot mode. Note that the user should also manage these pins when exiting
Standby mode as the BOOT pins are resampled.
Even when aliased in the boot memory space, the related memory (FLASH, SRAM or SMI)
is still accessible at its original memory space.
After this start-up delay has elapsed, the ARM CPU will start code execution from the boot
memory space, located at the bottom of the memory space starting from 0x0000_0000h.
The application can read the status of the boot pins that was latched at start-up and change
the memory aliasing on-the-fly by modifying the SW_BOOT bits in the CFG_GLCONF
register.
Caution:
The TEST pin of the STR75x must always be forced to ground (ST reserved test pin)
Table 2.
Boot modes
BOOT Mode
Selection Pins
Boot Mode
Aliasing
Note
BOOT1
BOOT0
0
0
Embedded Flash
Embedded FLASH sector
B0F0 mapped at 0h
All FLASH sectors
accessible except
SystemMemory
sector
1
0
Embedded SRAM
Embedded SRAM mapped
at 0h
0
1
SystemMemory
SystemMemory mapped
at 0h
-
11
External SMI Serial Flash
memory
SMI Bank 0 mapped at 0h
-
STR75x
BOOT0
* these values are given only as typical example
10K*
3V3
10K*
3V3
BOOT1
TEST
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com