Electronic Components Datasheet Search
  English  ▼

X  

AN2491 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2491
Description  STW8110x hardware component layer API guide
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2491 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2491 Datasheet HTML 16Page - STMicroelectronics AN2491 Datasheet HTML 17Page - STMicroelectronics AN2491 Datasheet HTML 18Page - STMicroelectronics AN2491 Datasheet HTML 19Page - STMicroelectronics AN2491 Datasheet HTML 20Page - STMicroelectronics AN2491 Datasheet HTML 21Page - STMicroelectronics AN2491 Datasheet HTML 22Page - STMicroelectronics AN2491 Datasheet HTML 23Page - STMicroelectronics AN2491 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
User scenarios
AN2491
20/32
}
printf("With selected configuration and input freq=60MHz, output
Freq = %fMHz\n",Fout);
// Reading Read Only register of device
st_error = I2C_Read_Status_Register(&ReadOnlyReg, DEVICE_ADD);
if(st_error != OK)
{
STW8110x_ProcessError(st_error);
}
printf("Device Read Only Register Status:\n");
printf("Device ID : %d\n", ReadOnlyReg.DEV_TYPE);
printf("PLL: %s\n", (ReadOnlyReg.LOCK_DET)?"Locked":"Unlocked");
printf("Internal VCO value: %d\n", ReadOnlyReg.INT_CAL);
// Note: If you have selected the DEBUG mode, information is
// automatically displayed, so no printf is needed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com