Electronic Components Datasheet Search
  English  ▼

X  

KTC3114 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC3114
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3114 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC3114 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3114 Datasheet HTML 2Page - KEC(Korea Electronics) KTC3114 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2003. 7. 24
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTC3114
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 1
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURE
High DC Current Gain : hFE=600 3600.
MAXIMUM RATING (Ta=25 )
TO-126
H
J
MILLIMETERS
C
E
F
G
D
A
B
DIM
A
C
E
F
G
H
J
K
M
O
P
N
L
D
1. EMITTER
2. COLLECTOR
3. BASE
K
L
M
N
O
P
8.3 MAX
5.8
0.7
Φ3.2 0.1
3.5
11.0 0.3
2.9 MAX
1.0 MAX
1.9 MAX
0.75 0.15
2.3 0.1
0.65 0.15
1.6
3.4 MAX
B
1
23
+_
+_
+_
15.50 0.5
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note: hFE Classification A:600 1800, B:1200 3600
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=50V, IE=0
-
-
0.1
A
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
0.1
A
DC Current Gain
hFE(Note)
VCE=6V, IC=2mA
600
-
3600
Collector- Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB=10mA
-
0.1
0.25
V
Transition Frequency
fT
VCE=10V, IC=10mA
100
250
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
3.5
-
pF
Noise Figure
NF(1)
VCE=6V, IC=0.1mA
f=100Hz, Rg=10k
-
0.5
-
dB
NF(2)
VCE=6V, IC=0.1mA
f=1kHz, Rg=10k
-
0.3
-
dB
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
150
mA
Base Current
IB
30
mA
Collector Power Dissipation
PC
1.5
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150


Similar Part No. - KTC3114

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3114 KEC-KTC3114 Datasheet
422Kb / 1P
TO-126 PACKAGE
logo
Inchange Semiconductor ...
KTC3114 ISC-KTC3114 Datasheet
249Kb / 2P
isc Silicon NPN Power Transistor
2023-8-28
logo
KEC(Korea Electronics)
KTC3114 KEC-KTC3114_07 Datasheet
422Kb / 1P
TO-126 PACKAGE
KTC3114 KEC-KTC3114_15 Datasheet
400Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTC3114

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N2904E KEC-2N2904E Datasheet
51Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904 KEC-2N3904 Datasheet
192Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904C KEC-2N3904C Datasheet
205Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC338 KEC-BC338 Datasheet
275Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC849 KEC-BC849 Datasheet
146Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BSS64 KEC-BSS64 Datasheet
60Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2222S KEC-KN2222S Datasheet
268Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN4400S KEC-KN4400S Datasheet
195Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC812E KEC-KTC812E Datasheet
78Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTN2222 KEC-KTN2222 Datasheet
471Kb / 5P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com