Electronic Components Datasheet Search
  English  ▼

X  

LT1070 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1070
Description  5A and 2.5A High Efficiency Switching Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1070 Datasheet(HTML) 4 Page - Linear Technology

  LT1070 Datasheet HTML 1Page - Linear Technology LT1070 Datasheet HTML 2Page - Linear Technology LT1070 Datasheet HTML 3Page - Linear Technology LT1070 Datasheet HTML 4Page - Linear Technology LT1070 Datasheet HTML 5Page - Linear Technology LT1070 Datasheet HTML 6Page - Linear Technology LT1070 Datasheet HTML 7Page - Linear Technology LT1070 Datasheet HTML 8Page - Linear Technology LT1070 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1070/LT1071
10701fe
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Current Limit vs Duty Cycle
DUTY CYCLE (%)
0
16
14
12
10
8
6
4
2
0
80
1070/71 G01
20
40
60
100
70
10
30
50
90
FOR LT1071, DIVIDE
VERTICAL SCALE BY 2
–55
°C
125
°C
25
°C
Flyback Blanking Time
JUNCTION TEMPERATURE (
°C)
–75
1.0
1.2
1.6
1.8
2.0
–25
25
50
150
1070/71 G03
1.4
–50
0
75 100 125
2.2
JUNCTION TEMPERATURE (
°C)
–75
90
91
93
94
95
–25
25
50
150
1070/71 G02
92
–50
0
75 100 125
96
Maximum Duty Cycle
Minimum Input Voltage
TEMPERATURE (
°C)
–75
2.3
2.4
2.6
2.7
2.8
–25
25
50
150
1070/71 G04
2.5
–50
0
75 100 125
2.9
SWITCH CURRENT = 5A
SWITCH CURRENT = 0A
Switch Saturation Voltage
SWITCH CURRENT (A)
0
0.8
1.2
8
1070/71 G05
0.4
0
1.0
25
°C
1.4
0.6
0.2
2
4
6
1
3
5
7
1.6
FOR LT1071, DIVIDE
CURRENT BY 2
100
°C
–55
°C
150
°C
TEMPERATURE (
°C)
–75
19
20
21
125
1070/71 G06
18
17
15
–25
25
75
– 50
150
0
50
100
16
23
22
RFEEDBACK = 500Ω
RFEEDBACK = 1k
RFEEDBACK = 10k
Line Regulation
Feedback Bias Current
vs Temperature
INPUT VOLTAGE (V)
0
–5
–3
–1
1
10
20
30
40
1070/71 G07
50
3
5
–4
–2
0
2
4
60
TJ = 150°C
TJ = 25°C
TJ = –55°C
TEMPERATURE (
°C)
–75
600
500
400
300
200
100
0
125
1070/71 G09
–25
25
75
– 50
150
0
50
100
800
700
Reference Voltage
vs Temperature
TEMPERATURE (
°C)
–75
1.246
1.244
1.242
1.240
1.238
1.236
1.234
125
1070/71 G08
–25
25
75
– 50
150
0
50
100
1.250
1.248
40
39
38
37
36
35
34
42
41
SWITCHING
FREQUENCY
REFERENCE
V0LTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com