Electronic Components Datasheet Search
  English  ▼

X  

LT1125 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1125
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1125 Datasheet(HTML) 2 Page - Linear Technology

  LT1125_15 Datasheet HTML 1Page - Linear Technology LT1125_15 Datasheet HTML 2Page - Linear Technology LT1125_15 Datasheet HTML 3Page - Linear Technology LT1125_15 Datasheet HTML 4Page - Linear Technology LT1125_15 Datasheet HTML 5Page - Linear Technology LT1125_15 Datasheet HTML 6Page - Linear Technology LT1125_15 Datasheet HTML 7Page - Linear Technology LT1125_15 Datasheet HTML 8Page - Linear Technology LT1125_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1124/LT1125
2
11245ff
For more information www.linear.com/LT1124
absoluTe MaxiMuM raTings
Supply Voltage........................................................±22V
Input Voltages............................Equal to Supply Voltage
Output Short-Circuit Duration.......................... Indefinite
Differential Input Current (Note 6) .......................±25mA
Lead Temperature (Soldering, 10 sec)...................300°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
–IN A
OUT A
V+
OUT B
+IN A
V–
+IN B
–IN B
S8 PACKAGE
8-LEAD PLASTIC SO
A
B
TJMAX = 140°C, θJA = 190°C/W
NOTE: THIS PIN CONFIGURATION DIFFERS FROM THE 8-PIN
PDIP CONFIGURATION. INSTEAD, IT FOLLOWS THE ROTATED
LT1013DS8 SO PACKAGE PIN LOCATIONS
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
S8 PACKAGE
8-LEAD PLASTIC SO
A
B
TJMAX = 150°C, θJA = 190°C/W
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
A
B
TJMAX = 140°C, θJA = 130°C/W
OBSOLETE PINOUT
J8 PACKAGE
8-LEAD CERAMIC DIP
TJMAX = 160°C, θJA = 100°C/W
OBSOLETE PACKAGE
Consider the N8 for Alternate Source
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
B
A
C
D
TJMAX = 140°C, θJA = 130°C/W
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
B
A
C
D
TJMAX = 140°C, θJA = 110°C/W (N)
J PACKAGE
14-LEAD CERAMIC DIP
TJMAX = 160°C, θJA = 80°C/W
OBSOLETE PACKAGE
Consider the N for Alternate Source
pin conFiguraTion
Operating Temperature Range
LT1124AC/LT1124C
LT1125AC/LT1125C (Note 10) ..............–40°C to 85°C
LT1124AI/LT1124I ................................–40°C to 85°C
LT1124AMP/LT1125MP...................... –55°C to 125°C
LT1124AM/LT1124M
LT1125AM/LT1125M
OBSOLETE......................................... –55°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com