Electronic Components Datasheet Search
  English  ▼

X  

LT1189 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1189
Description  Low Power Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1189 Datasheet(HTML) 3 Page - Linear Technology

  LT1189 Datasheet HTML 1Page - Linear Technology LT1189 Datasheet HTML 2Page - Linear Technology LT1189 Datasheet HTML 3Page - Linear Technology LT1189 Datasheet HTML 4Page - Linear Technology LT1189 Datasheet HTML 5Page - Linear Technology LT1189 Datasheet HTML 6Page - Linear Technology LT1189 Datasheet HTML 7Page - Linear Technology LT1189 Datasheet HTML 8Page - Linear Technology LT1189 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1189
VS = ±5V, VREF = 0V, RFB1 = 900Ω from pins 6 to 8, RFB2 = 100Ω from pin 8 to ground, RL = RFB1 + RFB2 = 1k, CL ≤ 10pF, pin 5 open.
LT1189M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Either Input, (Note 4)
1.0
7.5
mV
∆VOS/∆T
Input VOS Drift
10
µV/°C
IOS
Input Offset Current
Either Input
0.2
1.5
µA
IB
Input Bias Current
Either Input
±0.5
±3.5
µA
Input Voltage Range
–2.5
3.5
V
CMRR
Common-Mode Rejection Ratio
VCM = –2.5V to 3.5V
80
105
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
65
90
dB
VOUT
Output Voltage Swing
VS = ±5V, RL = 1k, AV = 50
±3.7
±4.0
V
VS = ±8V, RL = 1k, AV = 50
±6.6
±7.0
VS = ±8V, RL = 300Ω, AV = 50, (Note 3)
±6.4
±6.6
GE
Gain Error
VO = ±1V, AV = 10, RL = 1k
1.0
6.0
%
IS
Supply Current
13
17
mA
Shutdown Supply Current
Pin 5 at V–, (Note 11)
0.8
1.5
mA
IS/D
Shutdown Pin Current
Pin 5 at V–
525
µA
VS = ±5V, VREF = 0V, RFB1 = 900Ω from pins 6 to 8, RFB2 = 100Ω from pin 8 to ground, RL = RFB1 + RFB2 = 1k, CL ≤ 10pF, pin 5 open.
ELECTRICAL C
C
HARA TERISTICS T
A = 25°C, (Note 3)
5V
–
+
LT1189M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS/D
Shutdown Pin Current
Pin 5 at V –
525
µA
ton
Turn On Time
Pin 5 from V – to Ground, RL = 1k
500
ns
toff
Turn Off Time
Pin 5 from Ground to V –, RL = 1k
600
ns
LT1189M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Either Input, (Note 4)
1.0
3.0
mV
SOIC Package
1.0
5.0
mV
IOS
Input Offset Current
Either Input
0.2
1.0
µA
IB
Input Bias Current
Either Input
±0.5
±2.0
µA
Input Voltage Range
2.0
3.5
V
CMRR
Common-Mode Rejection Ratio
VCM = 2.0V to 3.5V
80
100
dB
VOUT
Output Voltage Swing
RL = 300Ω to Ground
VOUT High
3.6
4.0
V
(Note 3)
VOUT Low
0.15
0.4
SR
Slew Rate
VO = 1.5V to 3.5V
175
V/
µs
BW
Small-Signal Bandwidth
AV = 10
30
MHz
IS
Supply Current
12
15
mA
Shutdown Supply Current
Pin 5 at V–
0.8
1.5
mA
IS/D
Shutdown Pin Current
Pin 5 at V–
525
µA
VS+ = 5V, VS– = 0V, VREF = 2.5V, RFB1 = 900Ω from pins 6 to 8, RFB2 = 100Ω from pin 8 to VREF, RL = RFB1 + RFB2 = 1k, CL ≤ 10pF, pin 5
open.
5V
–
+
ELECTRICAL C
C
HARA TERISTICS –55°C ≤ T
A ≤ 125°C, (Note 3)
TA = 25°C, (Note 3)
5V ELECTRICAL C
C
HARA TERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com