Electronic Components Datasheet Search
  English  ▼

X  

LT1207 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1207
Description  Dual 250mA/60MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1207 Datasheet(HTML) 4 Page - Linear Technology

  LT1207 Datasheet HTML 1Page - Linear Technology LT1207 Datasheet HTML 2Page - Linear Technology LT1207 Datasheet HTML 3Page - Linear Technology LT1207 Datasheet HTML 4Page - Linear Technology LT1207 Datasheet HTML 5Page - Linear Technology LT1207 Datasheet HTML 6Page - Linear Technology LT1207 Datasheet HTML 7Page - Linear Technology LT1207 Datasheet HTML 8Page - Linear Technology LT1207 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1207
S ALL-SIG AL BA DWIDTH
IS = 20mA per Amplifier Typical, Peaking ≤ 0.1dB
IS = 10mA per Amplifier Typical, Peaking ≤ 0.1dB
IS = 5mA per Amplifier Typical, Peaking ≤ 0.1dB
– 3dB BW
– 0.1dB BW
AV
RL
RF
RG
(MHz)
(MHz)
VS = ±5V, RSHDN = 22.1k
– 1
150
604
604
21
10.5
30
715
715
14.6
7.4
10
681
681
10.5
6.0
1
150
768
–
20
9.6
30
866
–
14.1
6.7
10
825
–
9.8
5.1
2
150
634
634
20
9.6
30
750
750
14.1
7.2
10
732
732
9.6
5.1
10
150
100
11.1
16.2
5.8
30
100
11.1
13.4
7.0
10
100
11.1
9.5
4.7
– 3dB BW
– 0.1dB BW
AV
RL
RF
RG
(MHz)
(MHz)
VS = ±15V, RSHDN = 121k
– 1
150
619
619
25
12.5
30
787
787
15.8
8.5
10
825
825
10.5
5.4
1
150
845
–
23
10.6
30
1k
–
15.3
7.6
10
1k
–
10
5.2
2
150
681
681
23
10.2
30
845
845
15
7.7
10
866
866
10
5.4
10
150
100
11.1
15.9
4.5
30
100
11.1
13.6
6
10
100
11.1
9.6
4.5
– 3dB BW
– 0.1dB BW
AV
RL
RF
RG
(MHz)
(MHz)
VS = ±5V, RSHDN = 0Ω
– 1
150
562
562
48
21.4
30
649
649
34
17
10
732
732
22
12.5
1
150
619
–
54
22.3
30
715
–
36
17.5
10
806
–
22.4
11.5
2
150
576
576
48
20.7
30
649
649
35
18.1
10
750
750
22.4
11.7
10
150
442
48.7
40
19.2
30
511
56.2
31
16.5
10
649
71.5
20
10.2
– 3dB BW
– 0.1dB BW
AV
RL
RF
RG
(MHz)
(MHz)
VS = ±15V, RSHDN = 0Ω
– 1
150
681
681
50
19.2
30
768
768
35
17
10
887
887
24
12.3
1
150
768
–
66
22.4
30
909
–
37
17.5
10
1k
–
23
12
2
150
665
665
55
23
30
787
787
36
18.5
10
931
931
22.5
11.8
10
150
487
536
44
20.7
30
590
64.9
33
17.5
10
768
84.5
20.7
10.8
– 3dB BW
– 0.1dB BW
AV
RL
RF
RG
(MHz)
(MHz)
VS = ±5V, RSHDN = 10.2k
– 1
150
576
576
35
17
30
681
681
25
12.5
10
750
750
16.4
8.7
1
150
665
–
37
17.5
30
768
–
25
12.6
10
845
–
16.5
8.2
2
150
590
590
35
16.8
30
681
681
25
13.4
10
768
768
16.2
8.1
10
150
301
33.2
31
15.6
30
392
43.2
23
11.9
10
499
54.9
15
7.8
– 3dB BW
– 0.1dB BW
AV
RL
RF
RG
(MHz)
(MHz)
VS = ±15V, RSHDN = 60.4k
– 1
150
634
634
41
19.1
30
768
768
26.5
14
10
866
866
17
9.4
1
150
768
–
44
18.8
30
909
–
28
14.4
10
1k
–
16.8
8.3
2
150
649
649
40
18.5
30
787
787
27
14.1
10
931
931
16.5
8.1
10
150
301
33.2
33
15.6
30
402
44.2
25
13.3
10
590
64.9
15.3
7.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com