Electronic Components Datasheet Search
  English  ▼

X  

D6467 Datasheet(PDF) 65 Page - NEC

Part # D6467
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 28-COLUMN, CAMERA-CONTAINED VCR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D6467 Datasheet(HTML) 65 Page - NEC

Back Button D6467 Datasheet HTML 60Page - NEC D6467 Datasheet HTML 61Page - NEC D6467 Datasheet HTML 62Page - NEC D6467 Datasheet HTML 63Page - NEC D6467 Datasheet HTML 64Page - NEC D6467 Datasheet HTML 65Page - NEC D6467 Datasheet HTML 66Page - NEC D6467 Datasheet HTML 67Page - NEC D6467 Datasheet HTML 68Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
65
µPD6467
Data Sheet S14455EJ1V0DS00
8. PACKAGE DRAWING
20
11
110
M
20 PIN PLASTIC SHRINK SOP (225 mil)
detail of lead end
A
F
G
E
C
D
M
N
B
K
L
H
I
J
ITEM
MILLIMETERS
INCHES
A
B
C
D
E
F
G
H
I
J
0.65 (T.P.)
1.8 MAX.
1.5
±0.1
6.4±0.2
0.575 MAX.
K
L
0.10
0.5±0.2
4.4±0.1
0.15
M
0.15
0.22
0.1±0.1
N
+0.10
–0.05
0.023 MAX.
7.00 MAX.
0.276 MAX.
0.009
0.004±0.004
0.071 MAX.
0.252±0.008
0.059±0.004
0.173±0.004
1.0±0.2
0.039±0.008
0.020±0.008
0.006
0.004
0.006
0.026 (T.P.)
+0.004
–0.002
+0.004
–0.002
+0.10
–0.05
NOTE
Each lead centerline is located within 0.12 mm (0.005 inch) of
its true position (T.P.) at maximum material condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com