Electronic Components Datasheet Search
  English  ▼

X  

LT1247 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1247
Description  1MHz Off-Line Current Mode PWM and DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1247 Datasheet(HTML) 1 Page - Linear Technology

  LT1247 Datasheet HTML 1Page - Linear Technology LT1247 Datasheet HTML 2Page - Linear Technology LT1247 Datasheet HTML 3Page - Linear Technology LT1247 Datasheet HTML 4Page - Linear Technology LT1247 Datasheet HTML 5Page - Linear Technology LT1247 Datasheet HTML 6Page - Linear Technology LT1247 Datasheet HTML 7Page - Linear Technology LT1247 Datasheet HTML 8Page - Linear Technology LT1247 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1246/LT1247
1MHz Off-Line
Current Mode PWM
and DC/DC Converter
+
–
+
–
1
2
FEEDBACK
COMPENSATION
2.5V
2R
R
1V
1.5V
–
+
3
ISENSE
BLANKING
1mA
5.6V
4
RT/CT
OSCILLATOR
R
S
18V
7VCC
UV
LOCKOUT
5
GND
6
OUTPUT
8
VREF
5V REF
MAIN BIAS
REFERENCE PULLDOWN
OUTPUT
PULLDOWN
REFERENCE ENABLE
LT1246 • BD01
DESCRIPTIO
S
FEATURE
S
APPLICATI
s
Current Mode Operation to 1MHz
s
30ns Current Sense Delay
s
< 250
µA Low Start-Up Current
s
Current Sense Leading Edge Blanking
s
Pin Compatible with UC1842
s
Undervoltage Lockout with Hysteresis
s
No Cross-Conduction Current
s
Trimmed Bandgap Reference
s
1A Totem Pole Output
s
Trimmed Oscillator Frequency and Sink Current
s
Active Pull-Down on Reference and Output During
Undervoltage Lockout
s
18V High Level Output Clamp
s
Off-Line Converters
s
DC/DC Converters
The LT
®1246/LT1247 are 8-pin, fixed frequency, current
mode, pulse width modulators. These devices are de-
signed to be improved plug compatible versions of the
industry standard UC1842 PWM circuit. The LT1246/
LT1247 are optimized for off-line and DC/DC converter
applications. They contain a temperature compensated
reference, high gain error amplifier, current sensing com-
parator, and a high current totem pole output stage ideally
suited to driving power MOSFETs. Start-up current has
been reduced to less than 250
µA. Cross-conduction cur-
rent spikes in the totem pole output stage have been
eliminated, making 1MHz operation practical. Several new
features have been incorporated. Leading edge blanking
has been added to the current sense comparator. This
minimizes or eliminates the filter that is normally required.
Eliminating this filter allows the current sense loop to
operate with minimum delays. Trims have been added to
the oscillator circuit for both frequency and sink current,
and both of these parameters are tightly specified. The
output stage is clamped to a maximum VOUT of 18V in the
on state. The output and the reference output are actively
pulled low during under-voltage lockout.
, LTC and LT are registered trademarks of Linear Technology Corporation.
I
DAGRA
BLOCK
Minimum
Start-Up
Operating
Maximum
Device
Threshold
Voltage
Duty Cycle
Replaces
LT1246
16V
10V
100%
UC1842
LT1247
8.4V
7.6V
100%
UC1843


Similar Part No. - LT1247

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1247 LINER-LT1247 Datasheet
290Kb / 12P
1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1247C LINER-LT1247C Datasheet
290Kb / 12P
1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1247CN8 LINER-LT1247CN8 Datasheet
290Kb / 12P
1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1247CS8 LINER-LT1247CS8 Datasheet
290Kb / 12P
1MHz Off-Line Current Mode PWM and DC/DC Converter
More results

Similar Description - LT1247

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
Rev. 6/23/99
logo
Linear Technology
LT1246 LINER-LT1246 Datasheet
290Kb / 12P
1MHz Off-Line Current Mode PWM and DC/DC Converter
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
logo
Linear Technology
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
1MHz Off-Line Current Mode PWM and DC/DC Converter
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1526 GMT-AT1526 Datasheet
176Kb / 2P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1530 GMT-AT1530 Datasheet
92Kb / 1P
1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com