Electronic Components Datasheet Search
  English  ▼

X  

LT1260 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1260
Description  Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1260 Datasheet(HTML) 1 Page - Linear Technology

  LT1260 Datasheet HTML 1Page - Linear Technology LT1260 Datasheet HTML 2Page - Linear Technology LT1260 Datasheet HTML 3Page - Linear Technology LT1260 Datasheet HTML 4Page - Linear Technology LT1260 Datasheet HTML 5Page - Linear Technology LT1260 Datasheet HTML 6Page - Linear Technology LT1260 Datasheet HTML 7Page - Linear Technology LT1260 Datasheet HTML 8Page - Linear Technology LT1260 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1259/LT1260
Low Cost Dual and Triple
130MHz Current Feedback
Amplifiers with Shutdown
Square Wave Response
2-Input Video MUX Cable Driver
RL = 150Ω
f = 30MHz
LT1259/50 • TA02
The LT
®1259 contains two independent 130MHz current
feedback amplifiers, each with a shutdown pin. These
amplifiers are designed for excellent linearity while driving
cables and other low impedance loads. The LT1260 is a
triple version especially suited to RGB video applications.
These amplifiers operate on all supplies from single 5V to
±15V and draw only 5mA per amplifier when active.
When shut down, the LT1259/LT1260 amplifiers draw
zero supply current and their outputs become high
impedance. Only two LT1260s are required to make a
complete 2-input RGB MUX and cable driver. These
amplifiers turn on in only 100ns and turn off in 40ns,
making them ideal in spread spectrum and portable
equipment applications.
The LT1259/LT1260 amplifiers are manufactured on
Linear Technology’s proprietary complementary bipolar
process.
s
90MHz Bandwidth on
±5V
s
0.1dB Gain Flatness > 30MHz
s
Completely Off in Shutdown, 0
µA Supply Current
s
High Slew Rate: 1600V/
µs
s
Wide Supply Range:
±2V(4V) to ±15V(30V)
s
60mA Output Current
s
Low Supply Current: 5mA/Amplifier
s
Differential Gain: 0.016%
s
Differential Phase: 0.075
°
s
Fast Turn-On Time: 100ns
s
Fast Turn-Off Time: 40ns
s
14-Pin and 16-Pin Narrow SO Packages
s
RGB Cable Drivers
s
Spread Spectrum Amplifiers
s
MUX Amplifiers
s
Composite Video Cable Drivers
s
Portable Equipment
, LTC and LT are registered trademarks of Linear Technology Corporation.
–
+
1/2 LT1259
RG
1.6k
RF
1.6k
A
EN A
VIN A
–
+
1/2 LT1259
RG
1.6k
RF
1.6k
EN B
VIN B
B
CHANNEL
SELECT
75
Ω
75
Ω
75
Ω
VOUT
75
Ω
CABLE
LT1259/60 • TA01
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1260

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1260 LINER-LT1260 Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260CN LINER-LT1260CN Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260CS LINER-LT1260CS Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260IN LINER-LT1260IN Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260IS LINER-LT1260IS Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
More results

Similar Description - LT1260

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1259 LINER-LT1259 Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398 Datasheet
229Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
logo
Maxim Integrated Produc...
MAX4223 MAXIM-MAX4223 Datasheet
243Kb / 20P
1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2a; 6/97
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
Dual/Quad 130MHz Current Feedback Amplifiers
January 1995
EL2360 INTERSIL-EL2360 Datasheet
279Kb / 14P
Triple 130MHz Current Feedback Amplifier
June 1996
logo
Analog Devices
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Linear Technology
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399 LINER-LT1399_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399HV LINER-LT1399HV_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com