Electronic Components Datasheet Search
  English  ▼

X  

LT1362 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1362
Description  Dual and Quad 50MHz, 800V/s Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1362 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1362 Datasheet HTML 4Page - Linear Technology LT1362 Datasheet HTML 5Page - Linear Technology LT1362 Datasheet HTML 6Page - Linear Technology LT1362 Datasheet HTML 7Page - Linear Technology LT1362 Datasheet HTML 8Page - Linear Technology LT1362 Datasheet HTML 9Page - Linear Technology LT1362 Datasheet HTML 10Page - Linear Technology LT1362 Datasheet HTML 11Page - Linear Technology LT1362 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1361/LT1362
Small-Signal Transient
(AV = 1)
TYPICAL PERFORMANCE CHARACTERISTICS
Small-Signal Transient
(AV = –1)
Small-Signal Transient
(AV = –1, CL = 500pF)
1361/1362 TA31
1361/1362 TA32
1361/1362 TA33
Large-Signal Transient
(AV = 1, CL = 10,000pF)
Large-Signal Transient
(AV = –1)
Large-Signal Transient
(AV = 1)
1361/1362 TA36
1361/1362 TA34
1361/1362 TA35
APPLICATIONS INFORMATION
Layout and Passive Components
The LT1361/LT1362 amplifiers are easy to use and toler-
ant of less than ideal layouts. For maximum performance
(for example, fast 0.01% settling) use a ground plane,
short lead lengths, and RF-quality bypass capacitors
(0.01
µF to 0.1µF). For high drive current applications use
low ESR bypass capacitors (1
µF to 10µF tantalum). The
parallel combination of the feedback resistor and gain
setting resistor on the inverting input combine with the
input capacitance to form a pole which can cause peaking
or oscillations. If feedback resistors greater than 5k
Ω are
used, a parallel capacitor of value
CF > RG x CIN/RF
should be used to cancel the input pole and optimize
dynamic performance. For unity-gain applications where
a large feedback resistor is used, CF should be greater
than or equal to CIN.
Input Considerations
Each of the LT1361/LT1362 inputs is the base of an NPN
and a PNP transistor whose base currents are of opposite
polarity and provide first-order bias current cancellation.
Because of variation in the matching of NPN and PNP beta,
the polarity of the input bias current can be positive or
negative. The offset current does not depend on NPN/PNP
beta matching and is well controlled. The use of balanced
source resistance at each input is recommended for
applications where DC accuracy must be maximized.
The inputs can withstand transient differential input volt-
ages up to 10V without damage and need no clamping or
source resistance for protection. Differential inputs, how-
ever, generate large supply currents (tens of mA) as
required for high slew rates. If the device is used with
sustained differential inputs, the average supply current
will increase, excessive power dissipation will result and
the part may be damaged. The part should not be used as
a comparator, peak detector or other open-loop applica-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com